Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56156ROM Datasheet(PDF) 19 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 19 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 15Page - Motorola, Inc DSP56156ROM Datasheet HTML 16Page - Motorola, Inc DSP56156ROM Datasheet HTML 17Page - Motorola, Inc DSP56156ROM Datasheet HTML 18Page - Motorola, Inc DSP56156ROM Datasheet HTML 19Page - Motorola, Inc DSP56156ROM Datasheet HTML 20Page - Motorola, Inc DSP56156ROM Datasheet HTML 21Page - Motorola, Inc DSP56156ROM Datasheet HTML 22Page - Motorola, Inc DSP56156ROM Datasheet HTML 23Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
DC Electrical Characteristics and Timing
MOTOROLA
DSP56156 Data Sheet
19
DC Electrical Characteristics
(GND = 0 V dc)
(VCC = 5.0 V dc ± 10%, TJ = -40° to +125°C, CL = 50 pF + 1 TTL Load)
The DC electrical characteristics of this device are shown in Table 10.
NOTES:
1. When EXTAL is AC coupled, VIHC - VILC Š 1 V must be true.
2. Input capacitance is periodically sampled and not 100% tested in production.
Table 10 DC Electrical Characteristics
Characteristic
Symbol
Min
Typ
Max
Unit
Input High Voltage
except EXTAL, RESET, MODA, MODB, MODC
VIH
2.0
—
VCC
V
Input Low Voltage
except EXTAL, MODA, MODB, MODC
VIL
-0.5
—
0.8
V
Input High Voltage
EXTAL DC coupled
EXTAL AC coupled (See Note 1)
VIHC
70% of VCC
1
—
—
VCC
VCC
V
Input Low Voltage
EXTAL DC coupled
EXTAL AC coupled (See Note 1)
VILC
-0.5
-0.5
—
—
20% of VCC
VCC-1
V
Input High Voltage RESET
VIHR
2.5
—
VCC
V
Input High Voltage MODA, MODB, MODC
VIHM
3.5
—
VCC
V
Input Low Voltage MODA, MODB, MODC
VILM
-0.5
—
2.0
V
Input Leakage Current
EXTAL
RESET, MODA, MODB, MODC, TA, DR, BR
IIN
-100
-1
—
100
1
µA
µA
Three-State (Off-State) Input Current
(@2.4 V/0.5 V)
TSI
-10
—
10
µA
Output High Voltage (IOH = -10 µA)
VOHC
VCC -0.1
—
—
V
Output High Voltage (IOH = -0.4 mA)
VOH
2.4
—
—
V
Output Low Voltage (IOL = 10 µA)
VOLC
——
0.1
V
Output Low Voltage (IOL = 3.2 mA
R/W IOL = 1.6 mA; Open Drain
HREQ IOL = 6.7 mA, TXD IOL = 6.7 mA)
VOL
——
0.4
V
Input Capacitance
(See Note 2)
CIN
—10
—
pF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com