Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD323X Datasheet(PDF) 101 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 101 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 97Page - STMicroelectronics UPSD323X Datasheet HTML 98Page - STMicroelectronics UPSD323X Datasheet HTML 99Page - STMicroelectronics UPSD323X Datasheet HTML 100Page - STMicroelectronics UPSD323X Datasheet HTML 101Page - STMicroelectronics UPSD323X Datasheet HTML 102Page - STMicroelectronics UPSD323X Datasheet HTML 103Page - STMicroelectronics UPSD323X Datasheet HTML 104Page - STMicroelectronics UPSD323X Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 176 page
background image
101/176
µPSD323X
Table 81. Transceiver DC Characteristics
Note: 1. VDD=5V ± 10%; VSS=0V; TA=0 to 70
2. Level guaranteed for range of VDD = 4.5V to 5.5V
3. With RPU, external idle resistor, 7.5
κ±2%, D- to VDD.
4. CL of 50pF(75ns) to 350pF (300ns).
5. Measured at crossover point of differential data signals.
6. USB specification indicates 330ns
Table 82. Transceiver AC Characteristics
Note: 1. VDD=5V ± 10%; VSS=0V; TA=0 to 70
Symb
Parameter
Test Condit ions
Min
Max
Unit
VOH
Static Output High
15k
Ω±5%
2.8
3.6
V
VOL
Static Output Low
Notes 2,3
—
0.3
V
VDI
Differential Input Sensitivity
|(D+) - (D-)|, Fig 6.9
0.2
—
V
VCM
Differential Input Common Mode
Fig 6.9
0.8
2.5
V
VSE
Single Ended Receiver Threshold
—
0.8
2.0
V
CIN
Transceiver Capacitance
—
—
20
pF
IIO
Data Line (D+, D-) Leakage
0V<(D+,D-)<3. 3,
–10
10
µA
RPU
External Bus Pull-up Resistance, D-
7.5k
Ω±2%
7.35
7.65
k
Ω
RPD
External Bus Pull-down Resistance
15k
Ω±5%
14.25
15.75
k
Ω
Parameter
Symb
Min
Max
Unit
Test Condition s
Low Speed Data Rate
fDRATE
1.4775
1.5225
Mbit/s
Ave. bit rate
Receiver Data Jitter Tolerance
tDJR1
–75
75
ns
to next transition,
Differential Input Sensitivity
tDJR2
–45
45
ns
for paired transition,
Differential to EOP Transition Skew
tDEOP
–40
100
ns
Fig 6.10 4
EOP Width at Receiver
tEOPR1
165
—
ns
rejects as EOP 4, 5
EOP Width at Receiver
tEOPR2
675
—
ns
accepts as EOP 4
Source EOP Width
tEOPT
–1.25
1.50
µs—
Differential Driver Jitter
tUDJ1
–95
95
ns
to next transition,
Differential Driver Jitter
tUDJ2
–150
150
ns
to paired transition,
USB Data Transition Rise Time
tR
75
300
ns
Notes 1, 2, 3
USB Data Transition Fall Time
tF
75
300
ns
Notes 1, 2, 3
Rise/Fall Time Matching
tRFM
80
120
%
tR /tF
Output Signal Crossover Volt age
VCRS
1.3
2.0
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com