Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD323X Datasheet(PDF) 102 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 102 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 98Page - STMicroelectronics UPSD323X Datasheet HTML 99Page - STMicroelectronics UPSD323X Datasheet HTML 100Page - STMicroelectronics UPSD323X Datasheet HTML 101Page - STMicroelectronics UPSD323X Datasheet HTML 102Page - STMicroelectronics UPSD323X Datasheet HTML 103Page - STMicroelectronics UPSD323X Datasheet HTML 104Page - STMicroelectronics UPSD323X Datasheet HTML 105Page - STMicroelectronics UPSD323X Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 176 page
background image
µPSD323X
102/176
PSD MODULE
s
The PSD Module provides configurable
Program and Data memories to the 8032 CPU
core (MCU). In addition, it has its own set of I/O
ports and a PLD with 16 macrocells for general
logic implementation.
s
Ports A,B,C, and D are general purpose
programmable I/O ports that have a port
architecture which is different from the I/O ports
in the MCU Module.
s
The PSD Module communicates with the MCU
Module through the internal address, data bus
(AO-A15, DO-D7) and control signals (RD, WR,
PSEN, ALE, RESET). The user defines the
Decoding PLD in the PSDsoft Development
Tool and can map the resources in the PSD
Module to any program or data address space.
Figure 50 shows the functional blocks in the
PSD Module.
Functional Overview
s
1 or 2 Mbit Flash memory. This is the main
Flash memory. It is divided into eight equal-
sized blocks that can be accessed with user-
specified addresses.
s
Secondary 256 Kbit Flash boot memory. It is
divided into four equal-sized blocks that can be
accessed with user-specified addresses. This
secondary memory brings the ability to execute
code and update the main Flash
concurrently.
s
64 Kbit SRAM. The SRAM’s contents can be
protected from a power failure by connecting an
external battery.
s
CPLD with 1G Output Micro Cells (OMCs} and
24 Input Micro Cells (IMCs). The CPLD may be
used to efficiently implement a variety of logic
functions for internal and external control.
Examples include state machines, loadable
shift registers, and loadable counters.
s
Decode PLD (DPLD) that decodes address for
selection of memory blocks in the PSD Module.
s
Configurable I/O ports (Port A,B,C and D) that
can be used for the following functions:
– MCU I/Os
– PLD I/Os
– Latched MCU address output
– Special function I/Os.
– I/O ports may be configured as open-drain
outputs.
s
Built-in JTAG compliant serial port allows full-
chip In-System Programmability (ISP). With it,
you can program a blank device or reprogram a
device in the factory or the field.
s
Internal page register that can be used to
expand the 8032 MCU Module address space
by a factor of 256.
s
Internal programmable Power Management
Unit (PMU) that supports a low-power mode
called Power-down Mode. The PMU can
automatically detect a lack of the 8032 CPU
core activity and put the PSD Module into
Power-down Mode.
s
Erase/WRITE cycles:
– Flash memory - 100,000 minimum
– PLD - 1,000 minimum
– Data Retention: 15 year minimum (for Main
Flash memory, Boot, PLD and Configuration
bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com