Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD323X Datasheet(PDF) 106 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 106 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 102Page - STMicroelectronics UPSD323X Datasheet HTML 103Page - STMicroelectronics UPSD323X Datasheet HTML 104Page - STMicroelectronics UPSD323X Datasheet HTML 105Page - STMicroelectronics UPSD323X Datasheet HTML 106Page - STMicroelectronics UPSD323X Datasheet HTML 107Page - STMicroelectronics UPSD323X Datasheet HTML 108Page - STMicroelectronics UPSD323X Datasheet HTML 109Page - STMicroelectronics UPSD323X Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 176 page
background image
µPSD323X
106/176
PSD MODULE REGISTER DESCRIPTION AND ADDRESS OFFSET
Table 84 shows the offset addresses to the PSD
MODULE registers relative to the CSIOP base ad-
dress. The CSIOP space is the 256 bytes of ad-
dress that is allocated by the user to the internal
PSD MODULE registers. Table 84 provides brief
descriptions of the registers in CSIOP space. The
following section gives a more detailed descrip-
tion.
Table 84. Register Address Offset
Note: 1. Other registers that are not part of the I/O ports.
Register Name
Port A
Port B
Port C
Port D
Other1
Description
Data In
00
01
10
11
Reads Port pin as input, MCU I/O Input Mode
Control
02
03
Selects mode between MCU I/O or Address Out
Data Out
04
051213
Stores data for output to Port pins, MCU I/O
Output Mode
Direction
06
07
14
15
Configures Port pin as input or output
Drive Select
08
09
16
17
Configures Port pins as either CMOS or Open
Drain on some pins, while selecting high slew rate
on other pins.
Input Macrocell
0A
0B
18
Reads Input Macrocells
Enable Out
0C
0D
1A
1B
Reads the status of the output enable to the I/O
Port driver
Output Macrocells
AB
20
20
READ – reads output of macrocells AB
WRITE – loads macrocell flip-flops
Output Macrocells
BC
21
21
READ – reads output of macrocells BC
WRITE – loads macrocell flip-flops
Mask Macrocells AB
22
22
Blocks writing to the Output Macrocells AB
Mask Macrocells BC
23
23
Blocks writing to the Output Macrocells BC
Primary Flash
Protection
C0
Read-only – Primary Flash Sector Protection
Secondary Flash
memory Protection
C2
Read-only – PSD MODULE Security and
Secondary Flash memory Sector Protection
PMMR0
B0
Power Management Register 0
PMMR2
B4
Power Management Register 2
Page
E0
Page Register
VM
E2
Places PSD MODULE memory areas in Program
and/or Data space on an individual basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com