Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616BSTZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD7616BSTZ
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616BSTZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD7616BSTZ Datasheet HTML 31Page - Analog Devices AD7616BSTZ Datasheet HTML 32Page - Analog Devices AD7616BSTZ Datasheet HTML 33Page - Analog Devices AD7616BSTZ Datasheet HTML 34Page - Analog Devices AD7616BSTZ Datasheet HTML 35Page - Analog Devices AD7616BSTZ Datasheet HTML 36Page - Analog Devices AD7616BSTZ Datasheet HTML 37Page - Analog Devices AD7616BSTZ Datasheet HTML 38Page - Analog Devices AD7616BSTZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
AD7616
Data Sheet
Rev. 0 | Page 34 of 50
Writing Register Data
All the read/write registers in the AD7616 can be written to
over the serial interface. A register write command is performed
by a single 16-bit SPI access. The format for a write command is
shown in Table 15. Bit D15 must be set to 1 to select a write
command. Bits[D14:D9] contain the register address. The
subsequent nine bits (Bits[D8:D0]) contain the data to be
written to the selected register. Figure 59 shows a typical serial
write command.
Reading Register Data
All the registers in the device can be read over the serial
interface. A register read is performed by issuing a register read
command followed by an additional SPI command that can be
either a valid command or no operation (NOP). The format for
a read command is shown in Table 16. Bit D15 must be set to 0
to select a read command. Bits[D14:D9] contain the register
address. The subsequent nine bits (Bits[D8:D0]) are ignored.
See the Register Summary section for the complete list of register
addresses. Figure 60 shows a typical serial read command.
Figure 59. Serial Interface Register Write
Figure 60. Serial Interface Register Read
Table 15. Write Command Message Configuration
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
W/R
REGADDR[5:0]
Data[8:0]
1
Register address
Data to write
Table 16. Read Command Message Configuration
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
W/R
REGADDR[5:0]
Data[8:0]
0
Register address
Do not care
CONVST
CS
WRITE REG 1
WRITE REG 2
WRITE REG 3
SDI
CONV RESULT
INVALID
INVALID
SDOA, SDOB
CONVST
CS
READ REG 1
READ REG 2
READ REG 3
SDI
CONV RESULT
REG 1 DATA
REG 2 DATA
SDOA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com