Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616BSTZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD7616BSTZ
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616BSTZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7616BSTZ Datasheet HTML 10Page - Analog Devices AD7616BSTZ Datasheet HTML 11Page - Analog Devices AD7616BSTZ Datasheet HTML 12Page - Analog Devices AD7616BSTZ Datasheet HTML 13Page - Analog Devices AD7616BSTZ Datasheet HTML 14Page - Analog Devices AD7616BSTZ Datasheet HTML 15Page - Analog Devices AD7616BSTZ Datasheet HTML 16Page - Analog Devices AD7616BSTZ Datasheet HTML 17Page - Analog Devices AD7616BSTZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
Data Sheet
AD7616
Rev. 0 | Page 13 of 50
Pin No.
Type1
Mnemonic2
Description
46
DO/DI
DB5/CRCEN
Parallel Output/Input Data Bit 5/CRC Enable Input. In parallel mode, this pin acts as a three-
state parallel digital input/output. While in serial mode, this pin acts as a CRC enable input.
The CRCEN signal state is latched on the release of a full reset, and requires an additional full
reset to reconfigure. Refer to the Digital Interface section for further details.
In serial mode, when CRCEN is low, there is no CRC word following the conversion results;
when CRCEN is high, an extra CRC word follows the last conversion word configured by
CHSELx. See the CRC section for further details.
In software mode, this pin must be connected to DGND.
47, 48
DO/DI
DB6, DB7
Parallel Output/Input Data Bit 6 and Data Bit 7. When SER/PAR = 0, these pins act as three-
state parallel digital input/outputs. Refer to the Parallel Interface section for further details. In
serial mode, when SER/PAR = 1 these pins must be tied to DGND.
49
P
V
DRIVE
Logic Power Supply Input. The voltage (2.3 V to 3.6 V) supplied at this pin determines the
operating voltage of the interface. This pin is nominally at the same supply as the supply of
the host interface. Decouple this pin with 0.1 µF and 10 µF capacitors in parallel.
50
P
DGND
Digital Ground. This pin is the ground reference point for all digital circuitry on the AD7616.
The DGND pin must connect to the DGND plane of a system.
51
CAP
REGGNDD
Ground for the Digital Low Dropout (LDO) Regulator Connected to REGCAPD (Pin 52).
52
CAP
REGCAPD
Decoupling Capacitor Pin for Voltage Output from Internal Digital Regulator. Decouple this
output pin separately to REGGNDD using a 10 μF capacitor. The voltage at this pin is 1.89 V typical.
53, 54
DO/DI
DB8, DB9
Parallel Output/Input Data Bit 9 and Data Bit 8. When SER/PAR = 0, these pins act as three-
state parallel digital input/outputs. Refer to the Parallel Interface section for further details.
In serial mode, when SER/PAR = 1, these pins must be tied to DGND.
55
DO/DI
DB10/SDI
Parallel Output/Input Data Bit DB10/Serial Data Input. When SER/PAR = 0, this pin acts as a
three-state parallel digital input/output. Refer to the Parallel Interface section for further
details. In hardware serial mode, tie this pin to DGND.
In serial mode, when SER/PAR = 1, this pin acts as the data input of the SPI interface.
56
DO/DI
DB11/SDOB
Parallel Output/Input Data Bit 11/Serial Data Output B. When SER/PAR = 0, this pin acts as a
three-state parallel digital input/output. Refer to the Parallel Interface section for further
details.
In serial mode, when SER/PAR = 1, this pin functions as SDOB and outputs serial conversion data.
57
DO/DI
DB12/SDOA
Parallel Output/Input Data Bit 12/Serial Data Output A. When SER/PAR = 0, this pin acts as a
three-state parallel digital input/output. Refer to the Parallel Interface section for further
details.
In serial mode, when SER/PAR = 1, this pin functions as SDOA and outputs serial conversion data.
58, 59, 60
DO/DI
DB13/OS0,
DB14/OS1,
DB15/OS2
Parallel Output/Input Data Bit 13, Data Bit 14, and Data Bit 15/Oversampling Ratio Selection.
When SER/PAR = 0, these pins act as three-state parallel digital input/outputs. Refer to the
Parallel Interface section for further details.
In serial hardware mode, these pins control the oversampling settings. The signal state is
latched on the release of a full reset, and requires an additional full reset to reconfigure. See the
Digital Filter section for further details.
In software serial mode, these pins must be connected to DGND.
61
DI
WR/BURST
Write/Burst Mode Enable.
In software parallel mode, this pin acts as WR for a parallel interface.
In hardware parallel or serial mode, this pin enables BURST mode. The signal state is latched on
the release of a full reset, and requires an additional full reset to reconfigure. Refer to the Burst
Sequencer section for further information.
In software serial mode, connect this pin to DGND.
62
DI
SCLK/RD
Serial Clock Input/Parallel Data Read Control Input. In serial mode, this pin acts as the serial
clock input for data transfers. The CS falling edge takes the SDOA and SDOB data output lines
out of three-state and clocks out the MSB of the conversion result. The rising edge of SCLK
clocks all subsequent data bits onto the SDOA and SDOB serial data outputs.
When both CS and RD are logic low in parallel mode, the output bus is enabled.
63
DI
CS
Chip Select. This active low logic input frames the data transfer.
In parallel mode, when both CS and RD are logic low, the DBx output bus is enabled and the
conversion result is output on the parallel data bus lines.
In serial mode, CS frames the serial read transfer and clocks out the MSB of the serial output data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com