Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616BSTZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD7616BSTZ
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616BSTZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD7616BSTZ Datasheet HTML 32Page - Analog Devices AD7616BSTZ Datasheet HTML 33Page - Analog Devices AD7616BSTZ Datasheet HTML 34Page - Analog Devices AD7616BSTZ Datasheet HTML 35Page - Analog Devices AD7616BSTZ Datasheet HTML 36Page - Analog Devices AD7616BSTZ Datasheet HTML 37Page - Analog Devices AD7616BSTZ Datasheet HTML 38Page - Analog Devices AD7616BSTZ Datasheet HTML 39Page - Analog Devices AD7616BSTZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
Data Sheet
AD7616
Rev. 0 | Page 35 of 50
SEQUENCER
The AD7616 features a highly configurable on-chip sequencer.
The functionality and configuration of the sequencer is
dependent on the mode of operation of the AD7616.
In hardware mode, the sequencer is sequential only. The
sequencer always starts converting at Channel V0A and
Channel V0B and converts each subsequent channel up to the
configured end channel.
In software mode, the sequencer has additional functionality
and configurability. The sequencer stack has 32 uniquely
configurable sequence steps, allowing any channel order to be
programmed. Additionally, any Channel VxA input can be
paired with any Channel VxB input or diagnostic channel.
The sequencer can be operated with or without the burst
function enabled. With the burst function enabled, only one
CONVST pulse is required to convert every channel in a
sequence. With burst mode disabled, one CONVST pulse is
required for every conversion step in the sequence. See the
Burst Sequencer section for additional details on operating in
burst mode.
HARDWARE MODE SEQUENCER
In hardware mode, the sequencer is controlled by the SEQEN pin
and the CHSELx pins. The sequencer is enabled or disabled
when the AD7616 is released from full reset. The logic level of
the SEQEN pin when the RESET pin is released determines
whether the sequencer is enabled or disabled (see Table 17 for
settings). After the RESET pin is released, the function is fixed
and a full reset via the RESET pin is required to exit the
function and set up an alternative configuration.
Table 17. Hardware Mode Sequencer Configuration
SEQEN
Interface Mode
0
Sequencer disabled
1
Sequencer enabled
When the sequencer is enabled, the logic levels of the CHSELx pins
determine the channels selected for conversion in the sequence.
The CHSELx pins at the time RESET is released determine the
initial settings for the channels to convert in the sequence. To
reconfigure the channels selected for conversion thereafter, set
the CHSELx pins to the required setting for the duration of the
final BUSY pulse before the current conversion sequence is
complete. See Figure 61 for further details.
Table 18. CHSELx Pin Decoding Sequencer
Channel Selection Input Pin
Analog Input Channels for
Sequential Conversion
CHSEL0
CHSEL1
CHSEL2
0
0
0
V0x only
0
0
1
V0x to V1x
0
1
0
V0x to V2x
0
1
1
V0x to V3x
1
0
0
V0x to V4x
1
0
1
V0x to V5x
1
1
0
V0x to V6x
1
1
1
V0x to V7x
SOFTWARE MODE SEQUENCER
In software mode, the AD7616 contains a 32-layer fully
configurable sequencer stack. Control of the sequencer is
achieved by programming the configuration register and
sequencer stack registers via the parallel or serial interface.
Each stack step can be individually programmed to pair any
input from Channel VxA to any input from Channel VxB, or
any diagnostic channel can be selected for conversion. The
sequencer depth can be set to any length from 1 to 32 layers.
The sequencer depth is controlled via the SSRENx bit. Set the
SSRENx bit in the sequencer stack register corresponding to the
last step required. The channels to convert are selected by
programming the ASELx and BSELx bits in each sequence stack
register for the depth required.
The sequencer is activated by setting the SEQEN bit in the
configuration register to 1.
Figure 61. Hardware Mode Sequencer Configuration
RESET
SEQEN
CONVST
BUSY
CHx
CHy
CHz
CHSEL2 TO CHSEL0
A/B0
A/Bx
A/B0
A/By
A/B0
DATA
INITIAL SETUP
CONFIGURE POINT
CONFIGURE POINT
A/Bx-1
A/By-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com