Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616BSTZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD7616BSTZ
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616BSTZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7616BSTZ Datasheet HTML 11Page - Analog Devices AD7616BSTZ Datasheet HTML 12Page - Analog Devices AD7616BSTZ Datasheet HTML 13Page - Analog Devices AD7616BSTZ Datasheet HTML 14Page - Analog Devices AD7616BSTZ Datasheet HTML 15Page - Analog Devices AD7616BSTZ Datasheet HTML 16Page - Analog Devices AD7616BSTZ Datasheet HTML 17Page - Analog Devices AD7616BSTZ Datasheet HTML 18Page - Analog Devices AD7616BSTZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
AD7616
Data Sheet
Rev. 0 | Page 14 of 50
Pin No.
Type1
Mnemonic2
Description
64, 65, 66
DI
CHSEL0, CHSEL1,
CHSEL2
Channel Selection Input 0 to Input 2. In hardware mode, these inputs select the input
channels for the next conversion in Channel Group A and Channel Group B. For example,
CHSELx = 0x000 selects V0A and V0B for the next conversion; CHSELx = 0x001 selects V1A and
V1B for the next conversion.
In software mode, these pins must be connected to DGND.
67
DO
BUSY
Busy Output. This pin transitions to a logic high after a CONVST rising edge and indicates that
the conversion process has started. The BUSY output remains high until the conversion
process for the current selected channels is complete. The falling edge of BUSY signals that
the conversion data is being latched into the output data registers and is available to read.
Data must be read after BUSY returns to low. Rising edges on CONVST have no effect while
the BUSY signal is high.
68
DI
CONVST
Conversion Start Input for Channel Group A and Channel Group B. This logic input initiates
conversions on the analog input channels.
A conversion is initiated when CONVST transitions from low to high for the selected analog
input pair. When burst mode and oversampling mode are disabled, every CONVST transition
from low to high converts one channel pair. In sequencer mode, when burst mode or
oversampling is enabled, a single CONVST transition from low to high is necessary to perform
the required number of conversions.
69
CAP
REGGND
Internal Analog Regulator Ground. This pin must connect to the AGND plane of a system.
70
CAP
REGCAP
Decoupling Capacitor Pin for Voltage Output from Internal Analog Regulator. Decouple this
output pin separately to REGGND using a 10 μF capacitor. The voltage at this pin is 1.87 V
typical.
73
AI
V0B
Analog Input for Channel 0, ADC B.
74
AI GND
V0BGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V0B.
75
AI
V1B
Analog Input for Channel 1, ADC B.
76
AI GND
V1BGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V1B.
77
AI
V2B
Analog Input for Channel 2, ADC B.
78
AI GND
V2BGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V2B.
79
AI
V3B
Analog Input for Channel 3, ADC B.
80
AI GND
V3BGND
Analog Input Ground Pin. This pin corresponds to Analog Input Pin V3B.
1 AI is analog input, GND is ground, P is power supply, REF is reference input/output, DI is digital input, DO is digital output, and CAP is decoupling capacitor pin.
2 Note that throughout this data sheet, multifunction pins, such as SER/PAR, are referred to either by the entire pin name or by a single function of the pin, for example,
SER, when only that function is relevant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com