Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616BSTZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7616BSTZ
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616BSTZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7616BSTZ Datasheet HTML 6Page - Analog Devices AD7616BSTZ Datasheet HTML 7Page - Analog Devices AD7616BSTZ Datasheet HTML 8Page - Analog Devices AD7616BSTZ Datasheet HTML 9Page - Analog Devices AD7616BSTZ Datasheet HTML 10Page - Analog Devices AD7616BSTZ Datasheet HTML 11Page - Analog Devices AD7616BSTZ Datasheet HTML 12Page - Analog Devices AD7616BSTZ Datasheet HTML 13Page - Analog Devices AD7616BSTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Data Sheet
AD7616
Rev. 0 | Page 9 of 50
Serial Mode Timing Specifications
Table 4.
Parameter
Min
Typ
Max
Unit
Description
fSCLK1
40/50
MHz
SCLK frequency
tSCLK
1/fSCLK
Minimum SCLK period
tSCLK_SETUP1
10.5
ns
CS to SCLK falling edge setup time, VDRIVE above 3 V
13.5
ns
CS to SCLK falling edge setup time, VDRIVE above 2.3 V
tSCLK_HOLD
10
ns
SCLK to CS rising edge hold time
tSCLK_LOW
8
ns
SCLK low pulse width
tSCLK_HIGH
9
ns
SCLK high pulse width
tDOUT_SETUP1
9
ns
Data out access time after SCLK rising edge, VDRIVE above 3 V
11
ns
Data out access time after SCLK rising edge, VDRIVE above 2.3 V
tDOUT_HOLD
4
ns
Data out hold time after SCLK rising edge
tDIN_SETUP
10
ns
Data in setup time before SCLK falling edge
tDIN_HOLD
8
ns
Data in hold time after SCLK falling edge
tDOUT_3STATE
10
ns
CS rising edge to SDOx high impedance
1 Dependent on VDRIVE and load capacitance (see Table 14).
Figure 6. Serial Timing Diagram
CONVST
BUSY
CS
1
2
3
14
15
16
SCLK
DB15
DB14
DB13
DB15
DB14
DB13
DB15
DB14
DB13
DB2
DB1
DB0
DB2
DB1
DB0
DB2
DB1
DB0
SDOA
SDOB
SDI
t
DOUT_SETUP
t
DOUT_HOLD
t
SCLK_SETUP
t
SCLK
t
SCLK_HIGH
t
SCLK_LOW
t
SCLK_HOLD
t
DIN_HOLD
t
DIN_SETUP
t
DOUT_3STATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com