Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616BSTZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD7616BSTZ
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616BSTZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7616BSTZ Datasheet HTML 21Page - Analog Devices AD7616BSTZ Datasheet HTML 22Page - Analog Devices AD7616BSTZ Datasheet HTML 23Page - Analog Devices AD7616BSTZ Datasheet HTML 24Page - Analog Devices AD7616BSTZ Datasheet HTML 25Page - Analog Devices AD7616BSTZ Datasheet HTML 26Page - Analog Devices AD7616BSTZ Datasheet HTML 27Page - Analog Devices AD7616BSTZ Datasheet HTML 28Page - Analog Devices AD7616BSTZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
AD7616
Data Sheet
Rev. 0 | Page 24 of 50
ing resistor on the VxAGND or VxBGND channel, an offset
error occurs on that channel. Use the input overvoltage clamp
protection circuitry to protect the AD7616 against transient
overvoltage events. It is not recommended to leave the AD7616
in a condition where the clamp protection circuitry is active in
normal or power-down conditions for extended periods.
Figure 43. Input Resistance Matching on the Analog Input
Analog Input Antialiasing Filter
An analog antialiasing filter (a first-order Butterworth) is also
provided on the AD7616. Figure 44 and Figure 45 show the
frequency and phase response, respectively, of the analog
antialiasing filter. The typical corner frequency in the ±10 V
range is 39 kHz, and 33 kHz in the ±5 V range.
Figure 44. Analog Antialiasing Filter Frequency Response
Figure 45. Analog Antialiasing Filter Phase Response
ADC TRANSFER FUNCTION
The output coding of the AD7616 is twos complement. The
designed code transitions occur midway between successive
integer LSB values, that is, 1/2 LSB and 3/2 LSB. The LSB size is
full-scale range ÷ 65,536 for the AD7616. The ideal transfer
characteristics for the AD7616 are shown in Figure 46. The LSB
size is dependent on the analog input range selected.
Figure 46. Transfer Characteristics
INTERNAL/EXTERNAL REFERENCE
The AD7616 can operate with either an internal or external
reference. The device contains an on-chip 2.5 V band gap refer-
ence. The REFINOUT pin allows access to the 2.5 V reference
that generates the on-chip 4.096 V reference internally, or it
allows an external reference of 2.5 V to be applied to the AD7616.
An externally applied reference of 2.5 V is also amplified to 4.096 V
using the internal buffer. This 4.096 V buffered reference is the
reference used by the SAR ADC.
The REFSEL pin is a logic input pin that allows the user to select
between the internal reference and an external reference. If this
pin is set to logic high, the internal reference is selected and
enabled. If this pin is set to logic low, the internal reference is
disabled and an external reference voltage must be applied
to the REFINOUT pin.
The internal reference buffer is always enabled. After a full reset,
the AD7616 operates in the reference mode selected by the
REFSEL pin. Decoupling is required on the REFINOUT pin for
both the internal and external reference options. A 100 nF, X8R
ceramic capacitor is required on the REFINOUT pin to
REFINOUTGND.
The AD7616 contains a reference buffer configured to amplify
the reference voltage to ~4.096 V. A 10 μF, X5R ceramic capacitor
is required between REFCAP and REFGND. The reference voltage
available at the REFINOUT pin is 2.5 V. When the AD7616 is
configured in external reference mode, the REFINOUT pin is a
high input impedance pin.
1MΩ
CLAMP
Vxx
1MΩ
CLAMP
VxxGND
RFB
RFB
C
R
R
ANALOG
INPUT
SIGNAL
AD7616
–30
–25
–20
–15
–10
–5
0
5
100
1k
10k
100k
INPUT FREQUENCY (Hz)
±10V RANGE
±5V RANGE
±2.5V RANGE
0
1
2
3
4
5
6
100
1k
10k
100k
INPUT FREQUENCY (Hz)
±10V RANGE
±5V RANGE
±2.5V RANGE
011...111
011...110
000...001
000...000
111...111
100...010
100...001
100...000
–FS + 1/2LSB 0V – 1/2LSB +FS – 3/2LSB
ANALOG INPUT
+FS
MIDSCALE
–FS
LSB
±10V RANGE +10V
0V
–10V
305µV
±5V RANGE
+5V
0V
–5V
152µV
±2.5V RANGE
+FS – (–FS)
2N*
*WHERE N IS THE NUMBER OF BITS OF THE CONVERTER
LSB =
VIN
5V
2.5V
REFINOUT
±5VCODE=
× 32,768 ×
VIN
2.5V
2.5V
REFINOUT
±2.5VCODE=
× 32,768 ×
VIN
10V
2.5V
REFINOUT
±10V CODE =
× 32,768 ×
+2.5V
0V
–2.5V
76µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com