Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616BSTZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD7616BSTZ
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616BSTZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD7616BSTZ Datasheet HTML 40Page - Analog Devices AD7616BSTZ Datasheet HTML 41Page - Analog Devices AD7616BSTZ Datasheet HTML 42Page - Analog Devices AD7616BSTZ Datasheet HTML 43Page - Analog Devices AD7616BSTZ Datasheet HTML 44Page - Analog Devices AD7616BSTZ Datasheet HTML 45Page - Analog Devices AD7616BSTZ Datasheet HTML 46Page - Analog Devices AD7616BSTZ Datasheet HTML 47Page - Analog Devices AD7616BSTZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
Data Sheet
AD7616
Rev. 0 | Page 43 of 50
CHANNEL REGISTER
Address: 0x03, Reset: 0x0000, Name: Channel Register
In software manual mode, the channel register selects the input channel or self test channel for the next conversion.
Table 22. Bit Descriptions for the Channel Register
Bits
Bit Name
Settings
Description
Reset
Access
[15:9]
Addressing
Bits[15:9] define the address of the relevant register. See the Addressing Registers
section for further details.
0x0
R/W
8
RESERVED
Reserved.
0x0
R/W
[7:4]
CHB
Channel selection bits for ADC B channels.
0000
V0A/V0B.
0001
V1A/V1B.
0010
V2A/V2B.
0011
V3A/V3B.
0100
V4A/V4B.
0101
V5A/V5B.
0110
V6A/V6B.
0111
V7A/V7B.
1000
V
CC.
1001
ALDO.
1010
Reserved.
1011
Set the dedicated bits for digital interface communication self test function. When
conversion codes are read, Code 0xAAAA is read out as the conversion code of
Channel A, and Code 0x5555 is output as the conversion code of Channel B.
1100
Reserved.
[3:0]
CHA
Channel selection bits for ADC A Channels. Settings are the same as for ADC B.
0x0
R/W
Channel Selection bits for ADC A
Channels
1100: Res erved.
1011: 0XAAAA.
1010: Res erved.
...
10: V2A.
1: V1A.
0: V0A.
Channel Selection bits for ADC B
Channels
1100: Res erved.
1011: 0x5555.
1010: Res erved.
...
10: V2B.
1: V1B.
0: V0B.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:9] Addressing (R/W)
[3:0] CHA (R/W)
[8] RESERVED
[7:4] CHB (R/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com