Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616BSTZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD7616BSTZ
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616BSTZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7616BSTZ Datasheet HTML 26Page - Analog Devices AD7616BSTZ Datasheet HTML 27Page - Analog Devices AD7616BSTZ Datasheet HTML 28Page - Analog Devices AD7616BSTZ Datasheet HTML 29Page - Analog Devices AD7616BSTZ Datasheet HTML 30Page - Analog Devices AD7616BSTZ Datasheet HTML 31Page - Analog Devices AD7616BSTZ Datasheet HTML 32Page - Analog Devices AD7616BSTZ Datasheet HTML 33Page - Analog Devices AD7616BSTZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Data Sheet
AD7616
Rev. 0 | Page 29 of 50
Table 11. Summary of Latched Hardware Signals1
Signal
Latched at Full Reset
Read at Reset
Read During Busy
Edge Driven
HW Mode
SW Mode
HW
Mode
SW
Mode
HW
Mode
SW
Mode
HW
Mode
SW
Mode
REFSEL
Yes
Yes
SEQEN
Yes
No
HW_RNGSELx (Range Change)
Yes
Yes
Yes
No
HW_RNGSELx (Hardware (HW) or Software
(SW) Mode)
Yes
Yes
SER/PAR
Yes
Yes
CRCEN
Yes
No
OSx
Yes
No
BURST
Yes
No
CHSELx
Yes
No
Yes
No
SER1W
Yes
Yes
1 Blank cells in Table 11 mean not applicable.
SOFTWARE MODE
If software mode is selected and the reference and interface type
is configured, all other configuration settings in the AD7616 are
controlled via the on-chip registers. All functionality of the
AD7616 is available when software mode is selected. Table 11
provides a summary of the signals that are latched by the device on
the release of a full reset, depending on the mode of operation
chosen.
RESET FUNCTIONALITY
The AD7616 has two reset modes: full or partial. The reset
mode selected is dependent on the length of the reset low pulse.
A partial reset requires the RESET pin to be held low between
40 ns and 500 ns. After 50 ns from release of RESET, the device
is fully functional and a conversion can be initiated. A full reset
requires the RESET pin to be held low for a minimum of 1.2 µs.
After 15 ms from release of RESET, the devices is completely
reconfigured and a conversion can be initiated.
A partial reset reinitializes the following modules:
•
Sequencer
•
Digital filter
•
SPI
•
Both SAR ADCs
The current conversion result is discarded on completion of a
partial reset. The partial reset does not affect the register values
programmed in software mode or the latches that store the user
configuration in both hardware and software modes. A dummy
conversion is required in software mode after a partial reset.
A full reset returns the device to its default power-on state. The
following features are configured when the AD7616 is released
from full reset:
•
Hardware mode or software mode
•
Internal/external reference
•
Interface type
On power-up, the RESET signal can be released as soon as both
the VCC and VDRIVE supplies are stable. The logic level of the
HW_RNGSELx, REFSEL, SER/PAR and DB4/SER1W pins when
the RESET pin is released after a full reset determines the
configuration.
If hardware mode is selected, the functionality determined by
the CRC, BURSTEN, SEQEN, and OSx signals is also latched
when the RESET pin transitions from low to high in full reset
mode. After the functionality is configured, changes to these
signals are ignored. In hardware mode, the analog input range
(HW_RNGSELx signals) can be configured during either a full
or partial reset or during normal operation, but hardware/software
mode selection requires a full reset to reconfigure while this
setting is latched.
In hardware mode, the CHSELx and HW_RNGSELx pins are
queried at release from both a full and a partial reset to perform
the following actions:
•
Determine the initial analog input channel pair to acquire
for conversion.
•
Configure the initial settings for the sequencer.
•
Select the analog input voltage range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com