Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616BSTZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD7616BSTZ
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616BSTZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD7616BSTZ Datasheet HTML 43Page - Analog Devices AD7616BSTZ Datasheet HTML 44Page - Analog Devices AD7616BSTZ Datasheet HTML 45Page - Analog Devices AD7616BSTZ Datasheet HTML 46Page - Analog Devices AD7616BSTZ Datasheet HTML 47Page - Analog Devices AD7616BSTZ Datasheet HTML 48Page - Analog Devices AD7616BSTZ Datasheet HTML 49Page - Analog Devices AD7616BSTZ Datasheet HTML 50Page - Analog Devices AD7616BSTZ Datasheet HTML 51Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
AD7616
Data Sheet
Rev. 0 | Page 48 of 50
SEQUENCER STACK REGISTERS
Although the channel register defines the next channel for conversion (be it a diagnostic channel or pair of analog input channels), to
sample numerous analog input channels, the 32 sequencer stack registers offer a convenient solution. Within the communication register,
when the REGADDR5 bit is set to Logic 1, the contents of REGADDR[4:0] specifies 1 of the 32 sequencer stack registers. Within each
sequencer stack register, the user can define a pair of analog inputs to sample simultaneously.
The structure of the sequence forms a stack, in which each row represents two channels to convert simultaneously. The sequence begins
with Sequencer Stack Register 1 and cycles through to Sequencer Stack Register 32. If Bit D8 (the enable bit, SSRENx) within a sequencer
stack register is set to 1, the sequence ends with the pair of analog inputs defined by that register, then returns to the first sequencer stack
register, and resumes the cycle again. By default, the sequencer stack registers are programmed to cycle through Channel V0A and
Channel V0B to Channel V7A and Channel V7B. After a full or partial reset is issued, the sequencer stack register reinitializes to cycle
through Channel V0A and Channel V0B to Channel V7A and Channel V7B.
Address: 0x20 to 0x3F, Reset: 0x0000, Name: Sequencer Stack Registers[0:31]
Table 27. Bit Descriptions for Sequencer Stack Registers[0:31]
Bits
Bit Name
Settings
Description
Reset
Access
[15:9]
Addressing
Bits[15:9] define the address of the relevant register. See the Addressing Registers
section for further details.
0x0
R/W
8
SSREN[0:31]
Setting this bit to 0 instructs the ADC to move to the next layer of the sequencer
stack after converting the present channel pair. Setting this bit to 1 defines that
layer of the sequencer stack as the final layer in the sequence. Thereafter, the
sequencer loops back to the first layer of the stack.
0x0
R/W
[7:4]
BSEL[0:31]
Channel selection bits for ADC B channels.
0x01
R/W
0000
V0B.
0001
V1B.
0010
V2B.
0011
V3B.
0100
V4B.
0101
V5B.
0110
V6B.
0111
V7B.
1000
V
CC.
1001
ALDO.
1010
Reserved.
1011
Set the dedicated bits for digital interface communication self test function. When
the conversion codes is read, Code 0xAAAA is read out as the conversion code of
Channel A, and Code 0x5555 is output as the conversion code of Channel B.
1100
Reserved.
[3:0]
ASEL[0:31]
Channel selection bits for ADC A channels. Settings are the same as for ADC B.
0x01
R/W
1 After a full or partial reset is issued, the sequencer stack register is reinitialized to cycle through Channel V0A and Channel V0B to Channel V7A and Channel V7B. The
remaining 24 layers of the stack are reinitialized to 0x0.
Channel Selection bits for Set-A Channels
Defines final layer of s tack
Channel Selection bits for Set-B Channels
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:9] Addressing (R/W)
[3:0] ASELx (R/W)
[8] SSRENx (R/W)
[7:4] BSELx (R/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com