Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616BSTZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD7616BSTZ
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616BSTZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7616BSTZ Datasheet HTML 22Page - Analog Devices AD7616BSTZ Datasheet HTML 23Page - Analog Devices AD7616BSTZ Datasheet HTML 24Page - Analog Devices AD7616BSTZ Datasheet HTML 25Page - Analog Devices AD7616BSTZ Datasheet HTML 26Page - Analog Devices AD7616BSTZ Datasheet HTML 27Page - Analog Devices AD7616BSTZ Datasheet HTML 28Page - Analog Devices AD7616BSTZ Datasheet HTML 29Page - Analog Devices AD7616BSTZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
Data Sheet
AD7616
Rev. 0 | Page 25 of 50
If the internal reference is to be applied elsewhere within the
system, it must first be buffered externally.
Figure 47. Reference Circuitry
SHUTDOWN MODE
The AD7616 enters shutdown mode by keeping the RESET pin
low for greater than 1.2 µs. When the RESET pin is set from low
to high, the device exits shutdown mode and enters normal
mode.
When the AD7616 is placed in shutdown mode, the current
consumption is typically 78 µA and the power-up time to
perform a write to the device is approximately 240 µs. Power-up
time to perform a conversion is 15 ms. In shutdown mode, all
circuitry is powered down and all registers are cleared and reset
to their default values.
DIGITAL FILTER
The AD7616 contains an optional digital first-order sinc filter
for use in applications where slower throughput rates are in use
or where higher SNR or dynamic range is desirable.
The OSR of the digital filter is controlled in hardware using the
oversampling pins, OS2 to OS0 (OSx), or in software via the OS
bits within the configuration register. In software mode, over-
sampling is enabled for all channels after the OS bits are set in
the configuration register. In hardware mode, the OSx signals at
the time a full reset is released determine the OSR to be used.
Table 9 provides the oversampling bit decoding to select the
different oversample rates. In addition to the oversampling
function, the output result is decimated to 16-bit resolution.
If the OSx pins/OS bits are set to select an OS ratio of eight, the
next CONVST rising edge takes the first sample for the selected
channel, and the remaining seven samples for that channel are
taken with an internally generated sampling signal. These
samples are then averaged to yield an improvement in SNR
performance. As the OS ratio increases, the −3 dB frequency is
reduced, and the allowed sampling frequency is also reduced.
The conversion time extends as the oversampling rate is increased,
and the BUSY signal scales with oversampling rates. Acquisition
and conversion time increase linearly with oversampling ratio.
If oversampling is enabled with the sequencer or in burst mode,
the extra samples are gathered for a given channel before the
sequencer moves on to the next channel.
Table 9 shows the typical SNR performance of the device for
each permissible oversampling ratio. The input tone used was a
100 Hz sine wave for the three input ranges of the device. A plot
of SNR vs. OSR is shown in Figure 48.
Figure 48. Typical SNR vs. OSR for all Analog Input Ranges
Table 9. Oversampling Bit Decoding
OSx Pins/OS Bits
OSR
Typical SNR (dB)
−3 dB Bandwidth (kHz)
±2.5 V Range
±5 V Range
±10 V Range
All Ranges
000
No oversampling
87.5
89.7
90.8
37
001
2
88.1
90.6
91.8
36.5
010
4
89
91.6
92.9
35
011
8
89.9
92.6
93.9
30.5
100
16
91
93.6
94.9
22
101
32
92.6
94.8
95.8
13.2
110
64
93.9
95.5
96.2
7.2
111
128
94.4
95.4
95.9
3.6
BUF
2.5V
REF
REFINOUT
REFSEL
REFINOUTGND
REFINOUTGND
REFCAP
100nF
10µF
97
96
95
94
93
92
91
90
89
88
87
0
20
40
60
80
100
OSR
±2.5V RANGE
±5V RANGE
±10V RANGE
fIN = 100Hz
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com