Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7616BSTZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD7616BSTZ
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616BSTZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD7616BSTZ Datasheet HTML 37Page - Analog Devices AD7616BSTZ Datasheet HTML 38Page - Analog Devices AD7616BSTZ Datasheet HTML 39Page - Analog Devices AD7616BSTZ Datasheet HTML 40Page - Analog Devices AD7616BSTZ Datasheet HTML 41Page - Analog Devices AD7616BSTZ Datasheet HTML 42Page - Analog Devices AD7616BSTZ Datasheet HTML 43Page - Analog Devices AD7616BSTZ Datasheet HTML 44Page - Analog Devices AD7616BSTZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
AD7616
Data Sheet
Rev. 0 | Page 40 of 50
REGISTER SUMMARY
The AD7616 has six read/write registers used for configuring the device in software mode and an additional 32 sequencer stack registers
for programming the flexible on-chip sequencer and a read only status register. Table 19 shows an overview of the read/write registers
available on the AD7616. The status register is an additional read only register than contains information on the channel pair previously
converted and the CRC result.
Table 19. Register Summary1
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x02
Configuration
register
[15:8]
Addressing
Reserved
0x0000
R/W
[7:0]
SDEF
BURSTEN
SEQEN
OS
STATUSEN
CRCEN
0x03
Channel
register
[15:8]
Addressing
Reserved
0x0000
R/W
[7:0]
CHB
CHA
0x04
Input Range
Register A1
[15:8]
Addressing
Reserved
0x00FF
R/W
[7:0]
V3A
V2A
V1A
V0A
0x05
Input Range
Register A2
[15:8]
Addressing
Reserved
0x00FF
R/W
[7:0]
V7A
V6A
V5A
V4A
0x06
Input Range
Register B1
[15:8]
Addressing
Reserved
0x00FF
R/W
[7:0]
V3B
V2B
VB1
V0B
0x07
Input Range
Register B2
[15:8]
Addressing
Reserved
0x00FF
R/W
[7:0]
V7B
V6B
VB5
V4B
0x20
to
0x3F
Sequencer
Stack
Registers[0:31]
[15:8]
Addressing
SSRENx
0x00002
R/W
[7:0]
BSELx
ASELx
N/A
Status register
[15:8]
A[3:0]
B[3:0]
N/A
R
[7:0]
CRC[7:0]
1 N/A means not applicable.
2 After a full or partial rest is issued, the sequencer stack register is reinitialized to cycle through Channel V0A and Channel V0B to Channel V7A and Channel V7B. The
remaining 24 layers of the stack are reinitialized to 0x0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com