Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8556ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8556ACPZ-R2
Description  Digitally Programmable Sensor Signal Amplifier with EMI Filters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8556ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8556ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD8556
Data Sheet
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VDD = 5.0 V, VSS = 0.0 V, VCM = 2.5 V, VO = 2.5 V, −40°C ≤ TA ≤ +140°C, unless otherwise specified.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT STAGE
Input Offset Voltage
VOS
−40°C ≤ TA ≤ +125°C
2
10
µV
−40°C ≤ TA ≤ +140°C
3
12
µV
Input Offset Voltage Drift
TCVOS
25
65
nV/°C
Input Bias Current
IB
TA = 25°C
38
49
54
nA
−40°C ≤ TA ≤ +125°C
58
nA
−40°C ≤ TA ≤ +140°C
60
nA
Input Offset Current
IOS
TA = 25°C
0.2
2.5
nA
−40°C ≤ TA ≤ +125°C
3.0
nA
−40°C ≤ TA ≤ +140°C
4.0
nA
Input Voltage Range
2.1
2.9
V
Common-Mode Rejection Ratio
CMRR
VCM = 2.1 V to 2.9 V, AV = 70
80
92
dB
VCM = 2.1 V to 2.9 V, AV = 1280
94
112
dB
Linearity
VO = 0.2 V to 3.4 V
20
ppm
VO = 0.2 V to 4.8 V
1000
ppm
Differential Gain Accuracy
Second stage gain = 17.5 to 100
0.35
1.6
%
Second stage gain = 140 to 200
0.5
2.5
%
Differential Gain Temperature Coefficient
Second stage gain = 17.5 to 100
7
20
ppm/°C
Second stage gain = 140 to 200
10
40
ppm/°C
RF
14
18
22
kΩ
RF Temperature Coefficient
600
ppm/°C
DAC
Accuracy
AV = 70, offset codes = 8 to 248
0.2
0.6
%
Ratiometricity
AV = 70, offset codes = 8 to 248
50
ppm
Output Offset
AV = 70, offset codes = 8 to 248
5
35
mV
Temperature Coefficient
−40°C ≤ TA ≤ +125°C
3.3
15
ppm FS/°C
−40°C ≤ TA ≤ +140°C
25
ppm FS/°C
VCLAMP
Input Bias Current
TA = 25°C, VCLAMP = 5 V
200
nA
−40°C ≤ TA ≤ +125°C, VCLAMP = 5 V
500
nA
−40°C ≤ TA ≤ +140°C, VCLAMP = 5 V
550
nA
Input Voltage Range
1.2
4.94
V
OUTPUT BUFFER STAGE
Buffer Offset
3
7
mV
Short-Circuit Current
ISC
5
10
mA
Output Voltage, Low
VOL
RL = 10 kΩ to 5 V
20
mV
Output Voltage, High
VOH
RL = 10 kΩ to 0 V
4.94
V
POWER SUPPLY
Supply Current
ISY
−40°C ≤ TA ≤ +125°C, VO = 2.5 V,
VPOS = VNEG = 2.5 V, VDAC code = 128
2.0
2.7
mA
−40°C ≤ TA ≤ +140°C, VO = 2.5 V,
VPOS = VNEG = 2.5 V, VDAC Code = 128
2.78
mA
Power Supply Rejection Ratio
PSRR
AV = 70
109
125
dB
Supply Voltage Required During Programming
10°C < TPROG < 40°C, supply capable of
driving 250 mA
5.0
5.25
5.5
V
Rev. B | Page 4 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com