Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8556ACPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8556ACPZ-R2
Description  Digitally Programmable Sensor Signal Amplifier with EMI Filters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8556ACPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8556ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8556
Data Sheet
VCM (V)
6
0
1
2
3
4
5
100
10
1
IB–
IB+
VSY = 5V
TA = 25°C
Figure 10. Input Bias Current at VPOS, VNEG vs. Common-Mode Voltage
TEMPERATURE (°C)
150
–50
–25
0
25
50
75
100
125
0.8
0.6
0.5
0
–0.2
0.2
0.3
–0.3
–0.5
–0.6
–0.8
VSY = 5V
Figure 11. Input Offset Current vs. Temperature
DIGITAL INPUT VOLTAGE (V)
6
0
1
2
3
4
5
0
2.5
2.0
1.5
1.0
0.5
VSY = 5.5V
Figure 12. Digital Input Current vs. Digital Input Voltage (Pin 4)
VCLAMP VOLTAGE (V)
6
0
2
3
1
4
5
10
1000
100
–40°C
+25°C
+125°C
VSY = 5V
Figure 13. VCLAMP Current over Temperature at
VS = 5 V vs. VCLAMP Voltage
SUPPLY VOLTAGE (V)
6
0
1
2
3
5
4
3.0
2.5
2.0
1.5
0.5
1.0
0
TA = 25°C
Figure 14. Supply Current (ISY) vs. Supply Voltage
TEMPERATURE (°C)
150
–50
–25
0
25
50
75
100
125
2.5
2.3
2.1
1.9
1.7
1.5
1.3
1.1
0.9
0.7
0.5
VSY = 5V
Figure 15. Supply Current (ISY) vs. Temperature
Rev. B | Page 10 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com