Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8556ACPZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8556ACPZ-R2
Description  Digitally Programmable Sensor Signal Amplifier with EMI Filters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8556ACPZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8556ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Data Sheet
AD8556
Initial State
Initially, all the polysilicon fuses are intact. Each parameter has
the value 0 assigned (see Table 12).
Table 12. Initial State Before Programming
Second Stage Gain Code = 0
Second Stage Gain = 17.5
First stage gain code = 0
First stage gain = 4.0
Output offset code = 0
Output offset = VSS
Master fuse = 0
Master fuse not blown
When power is applied to a device, parameter values are taken
either from internal registers, if the master fuse is not blown, or
from the polysilicon fuses, if the master fuse is blown. Programmed
values have no effect until the master fuse is blown. The internal
registers feature power-on reset; therefore, the unprogrammed
devices enter a known state after power-up. Power-on reset
occurs when VDD is between 0.7 V and 2.2 V.
Simulation Mode
The simulation mode allows any parameter to be temporarily
changed. These changes are retained until the simulated value is
reprogrammed, the power is removed, or the master fuse is
blown. Parameters are simulated by setting Field 1 to 01, selecting
the desired parameter in Field 2, and the desired value for the
parameter in Field 4. Note that a value of 11 for Field 2 is ignored
during the simulation mode. Examples of temporary settings
are as follows:
• Setting the second stage gain code (Parameter 00) to 011 and
the second stage gain to 50 produces:
1000 0000 0001 01 00 10 0000 0011 0111 1111 1110.
• Setting the first stage gain code (Parameter 01) to 000 1011
and the first stage gain to 4.166 produces:
1000 0000 0001 01 01 10 0000 1011 0111 1111 1110.
A first stage gain of 4.166 with a second stage gain of 50 gives a
total gain of 208.3. This gain has a maximum tolerance of 2.5%.
• Set the output offset code (Parameter 10) to 0100 0000 and
the output offset to 1.260 V when VDD = 5 V and VSS = 0 V.
This output offset has a maximum tolerance of 0.8%:
1000 0000 0001 01 10 10 0100 0000 0111 1111 1110.
Programming Mode
Intact fuses give a bit value of 0. Bits with a desired value of 1
need to have the associated fuse blown. Because a relatively
large current is needed to blow a fuse, only one fuse can be
reliably blown at a time. Therefore, a given parameter value may
need several 38-bit words to allow reliable programming. A
5.25 V (±0.25 V) supply is required when blowing fuses to
minimize the on resistance of the internal MOS switches that
blow the fuse. The power supply voltage must not exceed the
absolute maximum rating and must be able to deliver 250 mA
of current.
At least 10 µF (tantalum type) of decoupling capacitance is
needed across the power pins of the device during programming.
The capacitance can be on the programming apparatus as long
as it is within 2 inches of the device being programmed. An
additional 0.1 µF (ceramic type) in parallel with the 10 µF is
recommended within ½ inch of the device being programmed.
A minimum period of 1 ms should be allowed for each fuse to
blow. There is no need to measure the supply current during
programming.
The best way to verify correct programming is to use the read
mode to read back the programmed values. Then, remeasure
the gain and offset to verify these values. Programmed fuses
have no effect on the gain and output offset until the master
fuse is blown. After blowing the master fuse, the gain and
output offset are determined solely by the blown fuses, and
the simulation mode is permanently deactivated.
Parameters are programmed by setting Field 1 to 10, selecting
the desired parameter in Field 2, and selecting a single bit with
the value 1 in Field 4.
As an example, suppose the user wants to permanently set the
second stage gain to 50. Parameter 00 needs to have the value
0000 0011 assigned. Two bits have the value 1; therefore, two
fuses need to be blown. Because only one fuse can be blown at a
time, this code can be used to blow one fuse:
1000 0000 0001 10 00 10 0000 0010 0111 1111 1110.
The MOS switch that blows the fuse closes when the complete
packet is recognized and opens when the start-of-packet,
dummy, or end-of-packet fields are no longer valid. After 1 ms,
this second code is entered to blow the second fuse:
1000 0000 0001 10 00 10 0000 0001 0111 1111 1110.
To permanently set the first stage gain to a nominal value of
4.151, Parameter 01 needs to have the value 000 1011 assigned.
Three fuses need to be blown, and the following codes are used,
with a 1 ms delay after each code:
1000 0000 0001 10 01 10 0000 1000 0111 1111 1110
1000 0000 0001 10 01 10 0000 0010 0111 1111 1110
1000 0000 0001 10 01 10 0000 0001 0111 1111 1110.
To permanently set the output offset to a nominal value of
1.260 V when VDD = 5 V and VSS = 0 V, Parameter 10 needs to
have the value 0100 0000 assigned. If one fuse needs to be
blown, use the following code:
1000 0000 0001 10 10 10 0100 0000 0111 1111 1110.
Finally, to blow the master fuse to deactivate the simulation
mode and prevent further programming, use code:
1000 0000 0001 10 11 10 0000 0001 0111 1111 1110.
There are 20 programmable fuses. Because each fuse requires
1 ms to blow, and each serial word can be loaded in 2.3 ms,
the maximum time needed to program the fuses can be as
low as 66 ms.
Rev. B | Page 21 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com