Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8556ACPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8556ACPZ-R2
Description  Digitally Programmable Sensor Signal Amplifier with EMI Filters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8556ACPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8556ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Data Sheet
AD8556
Rev. B | Page 15 of 27
0V
0V
VIN
VOUT
CH1 50.0mV
A CH1
–21.0mV
CH2 2.00V
M 1.00µs
2
1
Figure 40. Negative Overload Recovery (Gain = 70)
VIN
VOUT
CH1 50.0mV
A CH1
57.0mV
CH2 2.00V
M 1.00µs
0V 2
0V 1
Figure 41. Positive Overload Recovery (Gain = 70)
VIN
–2.5V
CH1 10.0mV
A CH1
–9.40mV
CH2 2.00V
M 4.00µs
0V 2
0V 1
Figure 42. Negative Overload Recovery (Gain = 1280)
VIN
VOUT
CH1 10.0mV
A CH1
8.40mV
CH2 2.00V
M 4.00µs
0V 1
0V 2
Figure 43. Positive Overload Recovery (Gain = 1280)
A CH1
40.0mV
0.1µF
0.1µF
–V
294Ω
20.5Ω
+V
4
1
6
7
8
5
10kΩ
1kΩ
10kΩ
OUT
DUT
4V pp
GAIN = 70
OFFSET = 128
VSY = ±2.5V
CH1 2.00mV
CH2 2.00mV
M 1.00µs
2
1
Figure 44. Settling Time 0.1%
0.1µF
0.1µF
–V
294Ω
20.5Ω
+V
4
1
6
7
8
5
10kΩ
1kΩ
10kΩ
OUT
DUT
4V pp
GAIN = 70
OFFSET = 128
VSY = ±2.5V
0V
0V 2
1
CH1 2.00mV
CH2 2.00mV
M 1.00µs
A CH1
40.0mV
Figure 45. Settling Time 0.01%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com