Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8556ACPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8556ACPZ-R2
Description  Digitally Programmable Sensor Signal Amplifier with EMI Filters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8556ACPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8556ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Data Sheet
AD8556
OPEN WIRE FAULT DETECTION
The inputs to A1 and A2, VNEG and VPOS, each have a com-
parator to detect whether VNEG or VPOS exceeds a threshold
voltage, nominally VDD − 2.0 V. If (VNEG > VDD − 2.0 V) or
(VPOS > VDD − 2.0 V), VOUT is clamped to VSS. The output
current limit circuit is disabled in this mode, but the maximum
sink current is approximately 10 mA when VDD = 5 V. The inputs
to A1 and A2, VNEG and VPOS, are also pulled up to VDD by
currents IP1 and IP2. These are both nominally 49 nA and
matched to within 3 nA. If the inputs to A1 or A2 are accidentally
left floating, as with an open wire fault, IP1 and IP2 pull them
to VDD, which would cause VOUT to swing to VSS, allowing
this fault to be detected. It is not possible to disable IP1 and IP2,
nor the clamping of VOUT to VSS, when VNEG or VPOS
approaches VDD.
SHORTED WIRE FAULT DETECTION
The AD8556 provides fault detection when VPOS, VNEG, or
VCLAMP shorts to VDD and VSS. Figure 48 shows the voltage
regions at VPOS, VNEG, and VCLAMP that trigger an error
condition. When an error condition occurs, the VOUT pin is
shorted to VSS. Table 8 lists the voltage levels shown in Figure 48.
VPOS
VNEG
VSS
VINL
VINH
VDD
VSS
VCLL
VDD
VCLAMP
VSS
VINL
VINH
VDD
ERROR
ERROR
NORMAL
ERROR
NORMAL
ERROR
ERROR
NORMAL
Figure 48. Voltage Regions at VPOS, VNEG, and VCLAMP
that Trigger a Fault Condition
Table 8. Typical VINL, VINH, and VCLL Values (VDD = 5 V)
Voltage
Min (V)
Typ (V)
Max (V)
VOUT Condition
VINH
2.95
3.0
3.05
Short to VSS fault
detection
VINL
1.95
2.0
2.05
Short to VSS fault
detection
VCLL
1.05
1.1
1.15
Short to VSS fault
detection
FLOATING VPOS, VNEG, OR VCLAMP FAULT
DETECTION
A floating fault condition at the VPOS, VNEG, or VCLAMP
pins is detected by using a low current to pull a floating input
into an error voltage range, defined in the Shorted Wire Fault
Detection section. In this way, the VOUT pin is shorted to VSS
when a floating input is detected. Table 9 lists the currents used.
Table 9. Floating Fault Detection at VPOS, VNEG, and
VCLAMP
Mnemonic
Typical Current
Goal of Current
VPOS
49 nA pull-up
Pull VPOS above VINH
VNEG
49 nA pull-up
Pull VNEG above VINH
VCLAMP
0.2 µA pull-down
Pull VCLAMP below VCLL
DEVICE PROGRAMMING
Digital Interface
The digital interface allows the first stage gain, second stage
gain, and output offset to be adjusted and allows desired values
for these parameters to be permanently stored by selectively
blowing polysilicon fuses. To minimize pin count and board
space, a single-wire digital interface is used. The digital input pin,
DIGIN, has hysteresis to minimize the possibility of inadvertent
triggering with slow signals. It also has a pull-down current sink
to allow it to be left floating when programming is not being
performed. The pull-down ensures inactive status of the digital
input by forcing a dc low voltage on DIGIN.
A short pulse at DIGIN from low to high and back to low again,
such as between 50 ns and 10 µs long, loads 0 into the shift register.
A long pulse at DIGIN, such as 50 µs or longer, loads 1 into the
shift register. The time between pulses should be at least 10 µs.
Assuming VSS = 0 V, voltages at DIGIN between VSS and 0.2 ×
VDD are recognized as a low, and voltages at DIGIN between
0.8 × VDD and VDD are recognized as a high. The timing
diagram example in Figure 49 shows the waveform for entering
code 010011 into the shift register.
Rev. B | Page 19 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com