Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8556ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8556ACPZ-R2
Description  Digitally Programmable Sensor Signal Amplifier with EMI Filters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8556ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8556ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD8556
Data Sheet
Rev. B | Page 14 of 27
FREQUENCY (kHz)
100
0.01
0.1
1
10
140
120
100
80
60
40
20
0
VSY = 2.7V TO 2.5V
Figure 34. PSRR vs. Frequency
TIME (100µs/DIV)
2
T
VSY = ±2.5V
GAIN = 70
CL = 0.1µF
FIN = 10kHz
Figure 35. Small Signal Response at CL = 0.1 μF and FIN = 10 kHz
TIME (100µs/DIV)
T
2
VSY = ±2.5V
GAIN = 70
CL = 100pF
FIN = 1kHz
Figure 36. Small Signal Response at CL = 100 pF and FIN = 1 kHz
TIME (10µs/DIV)
2
T
VSY = ±2.5V
GAIN = 70
CL = 100pF
Figure 37. Large Signal Response at CL = 100 pF
TIME (10µs/DIV)
2
T
VSY = ±2.5V
GAIN = 70
CL = 0.05µF
Figure 38. Large Signal Response at CL = 0.05 μF
FREQUENCY (kHz)
0.1
10
1100
1M
1
10
100
1k
VSY = ±2.5V
AV = 70
Figure 39. Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com