Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8556ACPZ-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8556ACPZ-R2
Description  Digitally Programmable Sensor Signal Amplifier with EMI Filters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8556ACPZ-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8556ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 26Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 27Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Data Sheet
AD8556
EMI/RFI PERFORMANCE
Real-world applications must work with ever increasing
radio/magnetic frequency interference (RFI and EMI). In
situations where signal strength is low and transmission lines
are long, instrumentation amplifiers, such as the AD8556, are
needed to extract weak, small differential signals riding on
common-mode noise and interference. Additionally, wires and
PCB traces act as antennas and pick up high frequency EMI
signals. The longer the wire, the larger the voltage it picks up.
The amount of voltages picked up is dependent on the impedances
at the wires, as well as the EMI frequency. These high frequency
voltages are then passed into the in-amp through its pins. All
instrumentation amplifiers can rectify high frequency out-of-
band signals. Unfortunately, the EMI/RFI rectification occurs
because amplifiers do not have any significant common-mode
rejection above 100 kHz. Once these high frequency signals are
rectified, they appear as dc offset errors at the output.
The AD8556 features internal EMI filters on the VNEG, VPOS,
FILT, and VCLAMP pins. These built-in filters on the pins limit
the interference bandwidth and provide good RFI suppression
without reducing performance within the pass-band of the
instrumentation amplifier. A functional diagram of the
AD8556 along with its EMI/RFI filters is shown in Figure 51.
The AD8556 has built-in filters on its inputs, VCLAMP, and
filter pins. The first-order, low-pass filters inside the AD8556
are useful to reject high frequency EMI signals picked up by
wires and PCB traces outside the AD8556. The most sensitive
pin of any amplifier to RFI/EMI signal is the noninverting pin.
Signals present at this pin appear as common-mode signals and
create problems.
The filters built at the input of the AD8556 have two different
bandwidths: common mode and differential mode. The common-
mode bandwidth defines what a common-mode RF signal sees
between the two inputs tied together and ground. The EMI
filters placed on the input pins of the AD8556 reject EMI/RFI
suppressions that appear as common-mode signals.
VDD
VSS
1
2
3
+IN
–IN
OUT
A3
VDD
VSS
1
2
3
+IN
–IN
OUT
A4
VOUT
VDD
VSS
1
2
3
+IN
–IN
OUT
A2
VDD
VSS
1
2
3
+IN
–IN
OUT
A1
VSS
1
2
3
+IN
–IN
OUT
A5
R7
P4
R5
VDD
DIGIN
VCLAMP
R3
P2
P1
R1
R2
R4
R5
P3
VNEG
VPOS
DAC
LOGIC
EMI
FILTER
EMI
FILTER
EMI
FILTER
RF
EMI
FILTER
FILT/DIGOUT
AD8556
VSS
EMI
FILTER
Figure 51. Block Diagram Showing EMI/RFI Built-In Filters
Rev. B | Page 25 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com