Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8556ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8556ACPZ-R2
Description  Digitally Programmable Sensor Signal Amplifier with EMI Filters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8556ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8556ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Data Sheet
AD8556
TYPICAL PERFORMANCE CHARACTERISTICS
VOS 5V (µV)
10
–10
–5
0
5
100
60
80
40
20
0
N: 363
MEAN: –0.389938
SD: 1.65684
Figure 4. Input Offset Voltage Distribution
VCM (V)
3.5
1.5
2.0
2.5
3.0
2.0
0.5
1.0
1.5
–1.0
–0.5
0
–2.0
–1.5
–2.5
–3.0
VSY = 5V
TA = 25°C
Figure 5. Input Offset Voltage vs. Common-Mode Voltage
TEMPERATURE (°C)
150
–50
–25
0
25
50
75
100
125
10
8
6
4
2
0
–2
–4
–6
–8
–10
VSY = 5V
Figure 6. Input Offset Voltage vs. Temperature
TCVOS (nV/°C)
MORE
0
10
20
30
40
25
15
20
10
5
0
VSY = 5V
Figure 7. TCVOS at VSY = 5 V
TEMPERATURE (°C)
150
–50
–25
0
25
50
75
100
125
1.9
1.5
1.7
1.1
1.3
0.9
0.7
0.5
VOUT = 0.3V
VOUT = 4.7V
VSY = 5V
Figure 8. Output Buffer Offset Voltage vs. Temperature
TEMPERATURE (°C)
150
–50
–25
0
25
50
75
100
125
100
10
1
VSY = 5V
Figure 9. Input Bias Current at VPOS, VNEG vs. Temperature
Rev. B | Page 9 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com