Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8556ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8556ACPZ-R2
Description  Digitally Programmable Sensor Signal Amplifier with EMI Filters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8556ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8556ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Data Sheet
AD8556
Rev. B | Page 11 of 27
FREQUENCY (Hz)
1M
100k
100
1k
10k
40
80
120
0
VSY = ±2.5V
GAIN = 70
Figure 16. CMRR vs. Frequency
FREQUENCY (Hz)
1M
100
1k
10k
100k
120
80
40
0
VSY = ±2.5V
GAIN = 1280
Figure 17. CMRR vs. Frequency
TEMPERATURE (°C)
150
–50
–25
0
25
50
75
100
125
GAIN = 1280
GAIN = 800
GAIN = 400
GAIN = 100
GAIN = 70
145
135
125
115
105
95
85
75
VSY = 5V
Figure 18. CMRR vs. Temperature at Different Gains
FREQUENCY (kHz)
10
5
0
60
50
40
30
20
10
VSY = ±2.5V
GAIN = 70
Figure 19. Voltage Noise Density vs. Frequency (0 Hz to 10 kHz)
FREQUENCY (kHz)
500
250
0
30
25
20
15
10
5
VSY = ±2.5V
GAIN = 70
35
Figure 20. Voltage Noise Density vs. Frequency (0 Hz to 500 kHz)
TIME (1s/DIV)
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
VSY = ±2.5V
GAIN = 1000
Figure 21. Low Frequency Input Voltage Noise (0.1 Hz to 10 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com