Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8556ACPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8556ACPZ-R2
Description  Digitally Programmable Sensor Signal Amplifier with EMI Filters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8556ACPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8556ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD8556
Data Sheet
Rev. B | Page 12 of 27
TIME (1s/DIV)
0.6
0.4
0.2
–0.2
0
–0.4
–0.6
VSY = ±2.5V
GAIN = 70
Figure 22. Low Frequency Input Voltage Noise (0.1 Hz to 10 Hz)
FREQUENCY (Hz)
1k
100k
10k
1M
GAIN = 1280
GAIN = 70
VSY = ±2.5V
CL = 40pF
60
40
20
0
Figure 23. Closed-Loop Gain vs. Frequency Measured at FILT/DIGOUT Pin
FREQUENCY (Hz)
1k
100k
10k
1M
GAIN = 70
GAIN = 1280
VSY = ±2.5V
60
40
20
0
Figure 24. Closed-Loop Gain vs. Frequency Measured at VOUT Pin
FREQUENCY (Hz)
1k
100k
10k
1M
10M
VSY = ±2.5V
4
8
0
–4
–8
Figure 25. Output Buffer Gain vs. Frequency
LOAD CAPACITANCE (nF)
100
0.1
1
10
60
50
40
30
20
10
0
RS
CL
OUTPUT
BUFFER
VSY = ±2.5V
RS = 0Ω
RS = 10Ω
RS = 20Ω
RS = 50Ω
RS = 100Ω
Figure 26. Output Buffer Positive Overshoot
LOAD CAPACITANCE (nF)
100.0
0.1
1.0
10.0
60
50
40
30
20
10
0
RS
CL
VSY = ±2.5V
RS = 0Ω
RS = 10Ω
RS = 20Ω
RS = 50Ω
RS = 100Ω
Figure 27. Output Buffer Negative Overshoot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com