Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8556ACPZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8556ACPZ-R2
Description  Digitally Programmable Sensor Signal Amplifier with EMI Filters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8556ACPZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8556ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8556ACPZ-R2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD8556
Data Sheet
CODE
0
1
0
0
1
1
WAVEFORM
tW0
tWS
tW0
tWS
tWS
tWS
tW0
tWS
tW1
tW1
tW1
Figure 49. Timing Diagram for Code 010011
Table 10. Timing Specifications
Timing Parameter
Description
Specification
tw0
Pulse width for loading 0 into shift register
Between 50 ns and 10 µs
tw1
Pulse width for loading 1 into shift register
≥50 µs
tws
Width between pulses
≥10 µs
Table 11. 38-Bit Serial Word Format
Field No.
Bits
Description
0
0 to 11
12-Bit Start of Packet 1000 0000 0001
1
12 to 13
2-Bit Function
00: Change Sense Current
01: Simulate Parameter Value
10: Program Parameter Value
11: Read Parameter Value
2
14 to 15
2-Bit Parameter
00: Second Stage Gain Code
01: First Stage Gain Code
10: Output Offset Code
11: Other Functions
3
16 to 17
2-Bit Dummy 10
4
18 to 25
8-Bit Value
Parameter 00 (Second Stage Gain Code): 3 LSBs Used
Parameter 01 (First Stage Gain Code): 7 LSBs Used
Parameter 10 (Output Offset Code): All 8 Bits Used
Parameter 11 (Other Functions)
Bit 0 (LSB): Master Fuse
Bit 1: Fuse for Production Test at Analog Devices
Bit 2: Parity Fuse
5
26 to 37
12-Bit End of Packet 0111 1111 1110
A 38-bit serial word is used, divided into 6 fields. Assuming
each bit can be loaded in 60 µs, the 38-bit serial word transfers
in 2.3 ms. Table 11 summarizes the word format.
Field 0 and Field 5 are the start-of-packet field and end-of-
packet field, respectively. Matching the start-of-packet field with
1000 0000 0001 and the end-of-packet field with 0111 1111
1110 ensures that the serial word is valid and enables decoding
of the other fields.
Field 3 breaks up the data and ensures that no data combination
can inadvertently trigger the start-of-packet and end-of-packet
fields. Field 0 should be written first and Field 5 written last.
Within each field, the MSB must be written first and the LSB
written last. The shift register features power-on reset to minimize
the risk of inadvertent programming; power-on reset occurs
when VDD is between 0.7 V and 2.2 V.
Rev. B | Page 20 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com