Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7025 Datasheet(PDF) 17 Page - Integrated Device Technology

Part # ZLED7025
Description  Boost LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7025 Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button ZLED7025 Datasheet HTML 13Page - Integrated Device Technology ZLED7025 Datasheet HTML 14Page - Integrated Device Technology ZLED7025 Datasheet HTML 15Page - Integrated Device Technology ZLED7025 Datasheet HTML 16Page - Integrated Device Technology ZLED7025 Datasheet HTML 17Page - Integrated Device Technology ZLED7025 Datasheet HTML 18Page - Integrated Device Technology ZLED7025 Datasheet HTML 19Page - Integrated Device Technology ZLED7025 Datasheet HTML 20Page - Integrated Device Technology ZLED7025 Datasheet HTML 21Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
ZSLS7025 Datasheet
© 2016 Integrated Device Technology, Inc.
17
April 20, 2016
4
Application Circuit Design
4.1
Applications
The ZSLS7025 is ideal for driving white HB-LEDs in diverse industrial, after-market automotive, and consumer
lighting applications using low supply voltages, such as SELV applications. It is optimal for driving multiple white HB-
LEDs connected in series so that the LED current is uniform for better brightness and color control. It features a wide
input range and high output current.
Figure 4.1 demonstrates the typical application with the external components described in section 4.2. Figure 2.2,
Figure 2.3, and Figure 2.4 demonstrate various dimming applications.
Figure 4.1
Typical ZSLS7025 Application Circuit
TOFF
GATE
ZSLS7025
LED
String
VIN =5 to 100 VDC
COUT
R1
L1
CIN
D1
OVP
GND
RFB
VDD
CVDD
RVDD
RTOFF
ADJ
R2
RCS
Q1
FB
CS
4.2
External Component Selection
Note: Also see section 4.3 for layout guidelines for the following external components.
4.2.1
Series Resistor RVDD
The ZSLS7025 has an internal 5V shunt regulator connected to the VDD pin. The RVDD series resistor must be
connected between the VDD pin and VIN to limit current flow. See section 2.1 regarding input voltages over 100V.
4.2.2
Inductor L1
See section 2.9 for calculating the proper value for L1. Select an inductor with a current rating higher than the input
average current and a saturation current over the calculated peak current. To calculate the worst case inductor peak
current, use the minimum input voltage, maximum output voltage, and maximum total LED current. Also ensure that
the inductor has a low DCR (copper wire resistance) to minimize the I
2R power loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com