Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7025 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ZLED7025
Description  Boost LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7025 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ZLED7025 Datasheet HTML 17Page - Integrated Device Technology ZLED7025 Datasheet HTML 18Page - Integrated Device Technology ZLED7025 Datasheet HTML 19Page - Integrated Device Technology ZLED7025 Datasheet HTML 20Page - Integrated Device Technology ZLED7025 Datasheet HTML 21Page - Integrated Device Technology ZLED7025 Datasheet HTML 22Page - Integrated Device Technology ZLED7025 Datasheet HTML 23Page - Integrated Device Technology ZLED7025 Datasheet HTML 24Page - Integrated Device Technology ZLED7025 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ZSLS7025 Datasheet
© 2016 Integrated Device Technology, Inc.
21
April 20, 2016
(
)
FB
5
4
FB
PWM
PWM
3
FB
OUT
R
R
R
V
D
V
R
V
I


+
×
×
=
(
)
86
.
0
R
R
3
.
0
%
100
5
R
3
.
0
0
5
4
3


+
×
×
=
PWM
1
5
f
2
50
C
R
π
×
(
)
(
)
A
35
.
0
R
10
400
3
.
0
%
0
5
2
.
26
3
.
0
R
R
R
V
D
V
R
V
I
FB
FB
5
4
FB
PWM
PWM
3
FB
OUT
=
+
×
×
=


+
×
×
=
4.4.4
Selecting R3, R4, R5 and C1
R3, R4, and R5 can be obtained by
(17)
Substitute DPWM=100%, VPWM = 5V, and IOUT =0 in the equation, and the result is
(18)
which can be simplified to
15.66 x R3 = R4 + R5
The low pass filter formed by R5 and C1 must have a corner frequency much lower than the PWM frequency. As the
corner frequency of the filter decreases, the response time of the LED current to changes in PWM increases. Choose
a corner frequency 50 times lower than fPWM.
(19)
Assume fPWM is 200Hz (or higher) and choose C1
= 0.1μF, and the result is R
5
≥400kΩ.
 Choose
C4 = 0.1μF, R
5
= 400kΩ.
Choose a nominal value for R4, and then calculate R3.
 Choose R
4
= 10kΩ, then R
3
= 26.2kΩ.
Substitute DPWM=0, VPWM = 5V and IOUT = 350mA in the equation, and the result is
(20)
So, RFB
=0.91Ω. (With the RC filter PWM dimming, RFB will be different than in the no dimming application shown in
Figure 2.1.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com