Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7025 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ZLED7025
Description  Boost LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7025 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ZLED7025 Datasheet HTML 6Page - Integrated Device Technology ZLED7025 Datasheet HTML 7Page - Integrated Device Technology ZLED7025 Datasheet HTML 8Page - Integrated Device Technology ZLED7025 Datasheet HTML 9Page - Integrated Device Technology ZLED7025 Datasheet HTML 10Page - Integrated Device Technology ZLED7025 Datasheet HTML 11Page - Integrated Device Technology ZLED7025 Datasheet HTML 12Page - Integrated Device Technology ZLED7025 Datasheet HTML 13Page - Integrated Device Technology ZLED7025 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
ZSLS7025 Datasheet
© 2016 Integrated Device Technology, Inc.
10
April 20, 2016
S
G
IN
f
mA
25
.
0
I
×
+
Q
FB
FB
FB
OUT
R
V
3
.
0
R
V
I
=
=
When the input voltage on the FB pin does not exceed the internal feedback reference voltage VFB, such as during
start-up, Q1 will remain off for the configured minimum tOFF time (see sections 2.8 and 2.9), and then it is switched on
again.
2.3
Internal 5V Regulator
The ZSLS7025 includes an internal 5V (typical) shunt regulator connected to the VDD pin which maintains a 5V
power supply for the gate driver and control circuitry. Connect VIN to the VDD pin via the current limiting series
resistor RVDD (see section 4.2.1 for required values). Consideration should be given to the tolerances on the VDD pin
operating conditions (see section 1.2, parameter 1.2.3) and VIN.
2.4
Input Current
The current required by the ZSLS7025 is 0.25mA (typical) plus the switching current of the external MOSFET, Q1. The
switching frequency of Q1 affects the amount of current required, as does Q1's gate charge requirement (found in the
MOSFET manufacturer's data sheet).
(1)
Where
fS = switching frequency of Q1
QG = gate charge of Q1
2.5
LED Current Control
The ZSLS7025 regulates the LED current by sensing the voltage across the external feedback resistor RFB in series
with the LEDs. The voltage is sensed via the FB pin where the internal feedback reference voltage VFB is 0.3V
(typical; see section 1.3, parameter 1.3.11). The LED current can easily be set according to equation (2).
(2)
Where
IOUT = Average output current through the LED(s) in amperes
VFB = Internal feedback reference voltage
Note: For an accurate LED current, a precision resistor is required for RFB (1% is recommended).
2.6
Dimming Control
There are three options for LED dimming:
DC voltage dimming control
RC-filtered PWM signal dimming control
PWM signal with a dimming control MOSFET(Q2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com