Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7025 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # ZLED7025
Description  Boost LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7025 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button ZLED7025 Datasheet HTML 11Page - Integrated Device Technology ZLED7025 Datasheet HTML 12Page - Integrated Device Technology ZLED7025 Datasheet HTML 13Page - Integrated Device Technology ZLED7025 Datasheet HTML 14Page - Integrated Device Technology ZLED7025 Datasheet HTML 15Page - Integrated Device Technology ZLED7025 Datasheet HTML 16Page - Integrated Device Technology ZLED7025 Datasheet HTML 17Page - Integrated Device Technology ZLED7025 Datasheet HTML 18Page - Integrated Device Technology ZLED7025 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
ZSLS7025 Datasheet
© 2016 Integrated Device Technology, Inc.
15
April 20, 2016
(
)
OFF
ON
t
t
1
f
+
=
(
)
CS
DS(ON)
L
IN_AVG
IN
1
RIPPLE
ON
R
R
R
I
V
)
L
(I
t
+
+
×
−
×
≈
(
)
AVG
_
IN
PEAK
_
IN
RIPPLE
I
I
2
I
−
×
=
(
)
IN
L
IN_AVG
D
OUT
1
RIPPLE
OFF
V
R
I
V
V
L
I
t
−
×
+
+
×
≈
η
1
V
V
1
R
I
D
R
I
P
OUT
IN
DS(ON)
2
IN_AVG
Q1
DS(ON)
2
IN_AVG
DISS
×


−
×
×
≈
×
×
≈
The switching frequency f in Hertz can be calculated from tON and tOFF in seconds with equation (8).
(8)
The ripple current in the inductor can be calculated with equation (9).
(9)
The Q1 on-time, tON, can be calculated with equation (10).
(10)
Where
RL = the DC resistance of inductor L1
in Ω
RDS(ON) = the on-resistance of Q1
in Ω (see manufacturer's specifications)
L1 = the value of the inductor L1 in Henries
The Q1 off-time, tOFF, can be calculated with equation (11).
(11)
Where
VD = the forward voltage of the diode D1 at the required load current in volts
Note: The selection of inductor L1 must ensure that tOFF is longer than the tOFF_MIN as calculated in equation (7).
If not, the converter cannot output the required current.
The recommended switching frequency is 20kHz < f < 200kHz. Lower than 20KHz will cause audio noise of the
inductor, and a frequency that is too high will increase the switching loss in Q1.
With a fixed VIN, VOUT, IIN_AVG, and IIN_PEAK, the switching frequency is inversely proportional to the inductor value.
2.10
DC Power Loss
The RDS (ON) of the external MOSFET, Q1, determines the DC power loss, which can be calculated with equation (12).
(12)
Where
DQ1 = the duty cycle for Q1
η = Assumed power conversion efficiency (recommended value for calculation: 0.9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com