Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7025 Datasheet(PDF) 18 Page - Integrated Device Technology

Part # ZLED7025
Description  Boost LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7025 Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button ZLED7025 Datasheet HTML 14Page - Integrated Device Technology ZLED7025 Datasheet HTML 15Page - Integrated Device Technology ZLED7025 Datasheet HTML 16Page - Integrated Device Technology ZLED7025 Datasheet HTML 17Page - Integrated Device Technology ZLED7025 Datasheet HTML 18Page - Integrated Device Technology ZLED7025 Datasheet HTML 19Page - Integrated Device Technology ZLED7025 Datasheet HTML 20Page - Integrated Device Technology ZLED7025 Datasheet HTML 21Page - Integrated Device Technology ZLED7025 Datasheet HTML 22Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
ZSLS7025 Datasheet
© 2016 Integrated Device Technology, Inc.
18
April 20, 2016
4.2.3
High Frequency Noise Filter Capacitor CVDD
External capacitor CVDD forms a high-frequency noise filter for the VDD pin. For all configurations, use CVDD to bypass
the VDD pin using a low ESR capacitor (a 10µF ceramic capacitor is recommended) to provide a high frequency path
to GND.
4.2.4
Input Capacitor CIN
The CIN input capacitor connected to VIN will supply the transient input current for the power inductor. A value of
100μF or higher is recommended to prevent excessive input voltage ripple. Also see section 4.2.3.
4.2.5
Output Capacitor COUT for Reducing Output Ripple
The output capacitor (COUT) holds the output current while the Q1 external MOSFET turns ON. This capacitor directly
impacts the line regulation and the load regulation.
Using a low ESR capacitor can minimize output ripple voltage and improve output current regulation. For most
applications, a 220μF low ESR capacitor will be sufficient. Proportionally lower ripple can be achieved with higher
capacitor values.
4.2.6
Schottky Rectifier Diode D1
The D1 external diode for the ZSLS7025 should be a Schottky diode with a low forward voltage drop and fast
switching speed. The diode’s average current rating must exceed the application’s average output current. The
diode’s maximum reverse voltage rating must exceed the over-voltage protection of the application. For PWM
dimming applications, note the reverse leakage of the Schottky diode. Lower leakage current will drain the output
capacitor less during PWM low periods, allowing for higher PWM dimming ratios.
4.2.7
External MOSFET Q1
The Q1 external MOSFET must have a VDS rating that exceeds the maximum over-voltage protection (OVP) level
configured for the application. The VGS(th) of the MOSFET should be not higher than 4V. The MOSFET’s current rating
must be higher than the input peak current (IIN_PEAK). Determine the power dissipation within Q1 and check if the
thermal resistance of the MOSFET package causes the junction temperature to exceed maximum ratings. Also see
section 2.10 regarding the effect of the MOSFET RDS(ON) on DC power loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com