Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7025 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ZLED7025
Description  Boost LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7025 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ZLED7025 Datasheet HTML 12Page - Integrated Device Technology ZLED7025 Datasheet HTML 13Page - Integrated Device Technology ZLED7025 Datasheet HTML 14Page - Integrated Device Technology ZLED7025 Datasheet HTML 15Page - Integrated Device Technology ZLED7025 Datasheet HTML 16Page - Integrated Device Technology ZLED7025 Datasheet HTML 17Page - Integrated Device Technology ZLED7025 Datasheet HTML 18Page - Integrated Device Technology ZLED7025 Datasheet HTML 19Page - Integrated Device Technology ZLED7025 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
ZSLS7025 Datasheet
© 2016 Integrated Device Technology, Inc.
16
April 20, 2016
2
2
1
TH
_
OVP
OVP
R
)
R
R
(
V
V
+
×
=
3
Operating Conditions
3.1
Under-Voltage Lockout
The under-voltage lockout (UVLO) function monitors the voltage on the ZSLS7025’s VDD pin. If this voltage is lower
than the UVLO threshold minus the UVLO hysteresis (VUVLO_TH - VUVLO_HYS), the ZSLS7025 is disabled.
If the voltage on the VDD pin reaches a level higher than the UVLO threshold (VUVLO_TH), the lock-out function turns
off and the ZSLS7025 is re-enabled. See parameters 1.3.2 and 1.3.3 in section 1.3 for the VUVLO_TH threshold and
VUVLO_HYS hysteresis, respectively.
3.2
Over-Voltage Protection
Open-load protection is achieved through the ZSLS7025's over-voltage protection (OVP). In boost converters, an
LED string failure can cause the feedback voltage (VFB) to always be zero. If this happens, the ZSLS7025 will keep
boosting the output voltage higher and higher. If the output voltage reaches the programmed OVP threshold, the
protection mechanism will be triggered and stop the switching action. To ensure that the circuit functions properly, the
OVP setting resistor divider, R1 and R2, must be set with appropriate values given by equation (13). The
recommended OVP voltage is either 1.25 times the normal output voltage or 5V higher than the normal output
voltage, whichever is higher.
(13)
Where
VOVP_TH = Over-voltage input threshold: 1.0V (typical; see parameter 1.3.12 in section 1.3)
VOVP = Output voltage OVP level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com