Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7025 Datasheet(PDF) 24 Page - Integrated Device Technology

Part # ZLED7025
Description  Boost LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7025 Datasheet(HTML) 24 Page - Integrated Device Technology

Back Button ZLED7025 Datasheet HTML 18Page - Integrated Device Technology ZLED7025 Datasheet HTML 19Page - Integrated Device Technology ZLED7025 Datasheet HTML 20Page - Integrated Device Technology ZLED7025 Datasheet HTML 21Page - Integrated Device Technology ZLED7025 Datasheet HTML 22Page - Integrated Device Technology ZLED7025 Datasheet HTML 23Page - Integrated Device Technology ZLED7025 Datasheet HTML 24Page - Integrated Device Technology ZLED7025 Datasheet HTML 25Page - Integrated Device Technology ZLED7025 Datasheet HTML 26Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
ZSLS7025 Datasheet
© 2016 Integrated Device Technology, Inc.
24
April 20, 2016
5
ESD Protection
All pins have an ESD protection of
≥ ±3500V according to the Human Body Model (HBM). The ESD test follows the
Human Body Model based on MIL 883-H, Method 3015.8.
6
Pin Configuration and Package
Figure 6.1
ZSLS7025 Pin Assignments
Table 6.1
Pin Description SOP-8
Pin Name
NO.
Description
VDD
1
Positive power supply input pin. Internally clamped at 5V (typical).
TOFF
2
Pin for setting off time. An external resistor, RTOFF, connected to this pin forms an RC discharge path to
generate the constant minimum off time of the Q1 external MOSFET.
ADJ
3
Enable and input peak current control pin.
This pin is pulled up to 4.5V internally to set VCS_TH =0.24V if ADJ is floating. If VADJ<0.5V, the Q1 external
MOSFET shuts down. If 0.5
≤ V
ADJ ≤ 2.4V, VCS_TH = VADJ/10. If VADJ>2.4V, VCS_TH =0.24V.
GND
4
Ground.
GATE
5
Driver’s output for the gate of the Q1 external MOSFET.
CS
6
Current sense input for the boost, peak-current control loop.
FB
7
Feedback voltage input pin. Used to regulate the current of the LEDs by keeping VFB=0.3V.
OVP
8
Overvoltage protection input pin. If the voltage at OVP exceeds the over-voltage input threshold, VOVP_TH, the
GATE output shuts down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com