Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7025 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ZLED7025
Description  Boost LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7025 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ZLED7025 Datasheet HTML 5Page - Integrated Device Technology ZLED7025 Datasheet HTML 6Page - Integrated Device Technology ZLED7025 Datasheet HTML 7Page - Integrated Device Technology ZLED7025 Datasheet HTML 8Page - Integrated Device Technology ZLED7025 Datasheet HTML 9Page - Integrated Device Technology ZLED7025 Datasheet HTML 10Page - Integrated Device Technology ZLED7025 Datasheet HTML 11Page - Integrated Device Technology ZLED7025 Datasheet HTML 12Page - Integrated Device Technology ZLED7025 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ZSLS7025 Datasheet
© 2016 Integrated Device Technology, Inc.
9
April 20, 2016
2
Circuit Description
2.1
ZSLS7025 Overview
The ZSLS7025 is a constant current boost converter. Its output current is adjustable via an external current sense
resistor, and it can deliver stable constant output current from a few milliamps up to 2A or higher.
The ZSLS7025 drives a constant current into the load, automatically adjusting the output voltage according to the
load. The control loop features a pulse frequency modulated (PFM) architecture that is inherently stable and does not
need loop compensation.
The ZSLS7025 can operate in applications with a wide input voltage range from 5V to 100V. VIN voltages above 100V
can be supported if logic level MOSFETs for the higher voltage rating are available. An integrated over-voltage
protection (OVP) circuit protects the system, even under no-load conditions. The over-voltage protection is adjustable
via external resistors R1 and R2. The minimum load voltage must always be higher than the maximum VIN, and the
drain voltage rating of the switching transistor (Q1) must be higher than the over-voltage shut-off limit.
Note: The ZSLS7025 has an internal 5V shunt regulator connected to the VDD pin. The RVDD series resistor must be
connected between the VDD pin and VIN to limit current flow.
See section 4.2 for requirements for selecting the external components referred to in the following sections.
Figure 2.1
Typical ZSLS7025 Circuit Diagram
TOFF
GATE
ZSLS7025
LED
String
VIN =5 to 100 VDC
COUT
R1
L1
CIN
D1
OVP
GND
RFB
VDD
CVDD
RVDD
RTOFF
ADJ
R2
RCS
Q1
FB
CS
2.2
Boost Converter
The ZSLS7025's boost converter uses a peak-current mode topology. The CS pin voltage in conjunction with the
current-sense resistor RCS determines the peak current in the inductor (L1). Q1 is turned on and off by the output of an
RS flip-flop that is set when the voltage on the FB pin drops below the internal threshold of 300 mV. After Q1 has
been switched on, a blanking timer disables the current sense input CS to avoid immediate spurious shut-off as a
result of the switching transient when Q1 discharges the parasitic capacitances on its drain node to ground. After the
blanking time tBLANK (see parameter 1.3.6 in section 1.3) has elapsed, the current through the inductor is sensed as a
voltage drop across RCS, and when the voltage reaches the peak-current sense threshold voltage VCS_TH (see
parameter 1.3.5 in section 1.3), the flip-flop is reset and Q1 is turned off. Once Q1 is turned off, the inductor reverses
polarity, providing the voltage boost, and the inductor current will decrease until the input voltage on the FB pin drops
below the internal feedback reference voltage VFB, (see parameter 1.3.11 in section 1.3). Q1 is then turned on again,
and this operation repeats in each cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com