Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7025 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ZLED7025
Description  Boost LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7025 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ZLED7025 Datasheet HTML 2Page - Integrated Device Technology ZLED7025 Datasheet HTML 3Page - Integrated Device Technology ZLED7025 Datasheet HTML 4Page - Integrated Device Technology ZLED7025 Datasheet HTML 5Page - Integrated Device Technology ZLED7025 Datasheet HTML 6Page - Integrated Device Technology ZLED7025 Datasheet HTML 7Page - Integrated Device Technology ZLED7025 Datasheet HTML 8Page - Integrated Device Technology ZLED7025 Datasheet HTML 9Page - Integrated Device Technology ZLED7025 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ZSLS7025 Datasheet
© 2016 Integrated Device Technology, Inc.
6
April 20, 2016
1.3
Electrical Parameters
Except as noted, test conditions for the following specifications are VIN = 10V, RVDD = 10K
Ω, ADJ floating, and
TOP = 25°C (typical).
Production testing of the chip is performed at 25°C unless otherwise stated. Functional operation of the chip and
specified parameters at other temperatures are guaranteed by design, characterization, and process control.
Table 1.3
Electrical Parameters
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.1
VDD pin clamp voltage
VDD
RVDD
= 10KΩ
4.3
5
5.6
V
1.3.2
Under-voltage threshold
VUVLO_TH
VDD rising
2.0
2.7
3.0
V
1.3.3
Under-voltage threshold
hysteresis
VUVLO_HYS
300
mV
1.3.4
Quiescent supply current
ISS
VDD = 5V
250
400
μA
VDD = 2.5V (under-voltage)
50
75
μA
1.3.5
Peak-current sense threshold
voltage
VCS_TH
ADJ pin = 5V
215
240
265
mV
1.3.6
Peak current sense blanking
interval
tBLANK
VCS=VCS_TH + 50mV
500
ns
1.3.7
Fixed turn-off interval
tOFF
RTOFF
= 250KΩ
10
μs
1.3.8
Peak-current control low
threshold voltage
VADJ
0.5
V
Peak-current control high
threshold voltage
2.4
V
1.3.9
Over-temperature protection
(OTP) threshold
TOTP
125
°C
1.3.10
OTP threshold hysteresis
TOTP_HYS
20
°C
1.3.11
Internal feedback reference
voltage
VFB
0.29
0.3
0.31
V
1.3.12
Over-voltage input threshold
VOVP_TH
0.9
1.0
1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com