Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7025 Datasheet(PDF) 22 Page - Integrated Device Technology

Part # ZLED7025
Description  Boost LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7025 Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button ZLED7025 Datasheet HTML 18Page - Integrated Device Technology ZLED7025 Datasheet HTML 19Page - Integrated Device Technology ZLED7025 Datasheet HTML 20Page - Integrated Device Technology ZLED7025 Datasheet HTML 21Page - Integrated Device Technology ZLED7025 Datasheet HTML 22Page - Integrated Device Technology ZLED7025 Datasheet HTML 23Page - Integrated Device Technology ZLED7025 Datasheet HTML 24Page - Integrated Device Technology ZLED7025 Datasheet HTML 25Page - Integrated Device Technology ZLED7025 Datasheet HTML 26Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
ZSLS7025 Datasheet
© 2016 Integrated Device Technology, Inc.
22
April 20, 2016
η
×
×
×
=
×
=
IN
OUT
OUT
AVG
_
IN
PEAK
_
IN
V
I
V
5
.
1
I
5
.
1
I
A
95
.
1
9
.
0
12
35
.
0
40
5
.
1
≈
×
×
×
=
Ω
=
=
123
.
0
I
V
R
PEAK
_
IN
TH
_
CS
CS
A
3
.
1
V
I
V
I
IN
OUT
OUT
AVG
_
IN
=
η
×
×
=
(
)
A
3
.
1
I
I
2
I
AVG
_
IN
PEAK
_
IN
RIPPLE
=
−
×
=
(
)
s
5
.
2
R
R
R
I
V
)
L
I
(
t
CS
)
ON
(
DS
L
AVG
_
IN
IN
1
RIPPLE
ON
µ
≈
+
+
×
−
×
=
1µs
V
)
R
(I
V
V
L
I
t
IN
L
IN_AVG
D
OUT
1
RIPPLE
OFF
>
−
×
+
+
×
=
(
)
kHz
285
t
t
1
'
f
OFF
ON
≈
+
=
4.4.5
RCS for Setting Input Peak Current
Assume that
(21)
Where
η is the assumed power conversion efficiency (the recommended value for this calculation is 0.9)
(22)
 Choose R
CS =
0.123Ω, I
IN_PEAK=1.95A
4.4.6
L1 for Setting the Frequency
Input average current:
(23)
The ripple current in the inductor:
(24)
According to tOFF > tOFF_MIN:
(25)
This gives L1 >
22μH.
Assume L1 =
22μH and R
L + RDS(ON) +RCS
=0.4Ω
(26)
Then the assumed switching frequency:
(27)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com