Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7025 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ZLED7025
Description  Boost LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7025 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ZLED7025 Datasheet HTML 7Page - Integrated Device Technology ZLED7025 Datasheet HTML 8Page - Integrated Device Technology ZLED7025 Datasheet HTML 9Page - Integrated Device Technology ZLED7025 Datasheet HTML 10Page - Integrated Device Technology ZLED7025 Datasheet HTML 11Page - Integrated Device Technology ZLED7025 Datasheet HTML 12Page - Integrated Device Technology ZLED7025 Datasheet HTML 13Page - Integrated Device Technology ZLED7025 Datasheet HTML 14Page - Integrated Device Technology ZLED7025 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
ZSLS7025 Datasheet
© 2016 Integrated Device Technology, Inc.
11
April 20, 2016
(
)
FB
4
FB
DC
3
FB
OUT
R
R
V
V
R
V
I


−
×
−
=
2.6.1
Dimming Control Using an External DC Control Signal
The LED output current can be set below the nominal average value defined by equation (2) using an external DC
voltage control signal superimposed on the FB pin as shown in the example circuit in Figure 2.2. As the DC control
signal, VDC, increases, the current through R3 increases with a subsequent increase in the voltage at the FB pin. This
causes the ZSLS7025 to compensate by reducing the output current through the LED string. Consequently, the
output current is inversely proportional to the DC control voltage.
Note: It is important to ensure that the LED output voltage VOUT remains higher than the input voltage VIN in dimming
applications.
The output current controlled by the DC voltage on FB can be calculated using equation (3).
(3)
Where
IOUT = Output current through the LED(s) with a DC control voltage
VFB = Internal feedback reference voltage (see section 1.3, parameter 1.3.11)
VDC = External DC control voltage
Figure 2.2
Example Circuit for Controlling Output Current via an External DC Control Voltage
TOFF
GATE
ZSLS7025
LED
String
VIN =5 to 100 VDC
COUT
R1
L1
CIN
D1
OVP
GND
RFB
VDD
CVDD
RVDD
RTOFF
ADJ
R2
RCS
Q1
FB
CS
DC Control Signal VDC = 0 to 5V
R3
R4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com