Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9364BBCZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9364BBCZ
Description  Point to point communication systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9364BBCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9364BBCZ Datasheet HTML 2Page - Analog Devices AD9364BBCZ Datasheet HTML 3Page - Analog Devices AD9364BBCZ Datasheet HTML 4Page - Analog Devices AD9364BBCZ Datasheet HTML 5Page - Analog Devices AD9364BBCZ Datasheet HTML 6Page - Analog Devices AD9364BBCZ Datasheet HTML 7Page - Analog Devices AD9364BBCZ Datasheet HTML 8Page - Analog Devices AD9364BBCZ Datasheet HTML 9Page - Analog Devices AD9364BBCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Data Sheet
AD9364
Parameter1
Symbol Min
Typ
Max
Unit
Test Conditions/Comments
Output Voltage
Minimum
0.5
V
Maximum
VDD_GPO − 0.3
V
Output Current
10
mA
DIGITAL SPECIFICATIONS (CMOS)
Logic Inputs
Input Voltage
High
VDD_INTERFACE × 0.8
VDD_INTERFACE
V
Low
0
VDD_INTERFACE × 0.2
V
Input Current
High
−10
+10
μA
Low
−10
+10
μA
Logic Outputs
Output Voltage
High
VDD_INTERFACE × 0.8
V
Low
VDD_INTERFACE × 0.2
V
DIGITAL SPECIFICATIONS (LVDS)
Logic Inputs
Input Voltage Range
825
1575
mV
Each differential input in the
pair
Input Differential Voltage
Threshold
−100
+100
mV
Receiver Differential Input
Impedance
100
Ω
Logic Outputs
Output Voltage
High
1375
mV
Low
1025
mV
Output Differential Voltage
150
mV
Programmable in 75 mV
steps
Output Offset Voltage
1200
mV
GENERAL-PURPOSE OUTPUTS
Output Voltage
High
VDD_GPO × 0.8
V
Low
VDD_GPO × 0.2
V
Output Current
10
mA
SPI TIMING
VDD_INTERFACE = 1.8 V
SPI_CLK
Period
tCP
20
ns
Pulse Width
tMP
9
ns
SPI_ENB Setup to First SPI_CLK
Rising Edge
tSC
1
ns
Last SPI_CLK Falling Edge to
SPI_ENB Hold
tHC
0
ns
SPI_DI
Data Input Setup to
SPI_CLK
tS
2
ns
Data Input Hold to SPI_CLK
tH
1
ns
SPI_CLK Rising Edge to Output
Data Delay
4-Wire Mode
tCO
3
8
ns
3-Wire Mode
tCO
3
8
ns
Bus Turnaround Time, Read
tHZM
tH
tCO(max)
ns
After baseband processor
(BBP) drives the last address
bit
Bus Turnaround Time, Read
tHZS
0
tCO(max)
ns
After the AD9364 drives the
last data bit
Rev. C | Page 5 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com