Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9364BBCZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9364BBCZ
Description  Point to point communication systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9364BBCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9364BBCZ Datasheet HTML 14Page - Analog Devices AD9364BBCZ Datasheet HTML 15Page - Analog Devices AD9364BBCZ Datasheet HTML 16Page - Analog Devices AD9364BBCZ Datasheet HTML 17Page - Analog Devices AD9364BBCZ Datasheet HTML 18Page - Analog Devices AD9364BBCZ Datasheet HTML 19Page - Analog Devices AD9364BBCZ Datasheet HTML 20Page - Analog Devices AD9364BBCZ Datasheet HTML 21Page - Analog Devices AD9364BBCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Data Sheet
AD9364
Figure 15. Rx Emission at LNA Input, DC to 12 GHz, fLO_RX = 800 MHz,
LTE 10 MHz, fLO_TX = 860 MHz
Figure 16. Tx Output Power vs. Frequency, Attenuation Setting = 0 dB,
Single Tone Output
Figure 17. Tx Power Control Linearity Error vs. Attenuation Setting
Figure 18. Tx Spectrum vs. Frequency Offset from Carrier Frequency, fLO_TX =
800 MHz, LTE 10 MHz Downlink (Digital Attenuation Variations Shown)
Figure 19. Tx Spectrum vs. Frequency Offset from Carrier Frequency, fLO_TX =
800 MHz, GSM Downlink (Digital Attenuation Variations Shown), 3 MHz Range
Figure 20. Tx Spectrum vs. Frequency Offset from Carrier Frequency, fLO_TX =
800 MHz, GSM Downlink (Digital Attenuation Variations Shown), 12 MHz Range
–120
–100
–80
–60
–40
–20
0
0
2000
4000
6000
8000
10000
12000
FREQUENCY (MHz)
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
700
750
800
850
900
FREQUENCY (MHz)
–40°C
+25°C
+85°C
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
ATTENUATION SETTING (dB)
–40°C
+25°C
+85°C
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–15
–10
–5
0
5
10
15
FREQUENCY OFFSET (MHz)
ATT 0dB
ATT 3dB
ATT 6dB
–100
–80
–60
–40
–20
0
20
FREQUENCY OFFSET (MHz)
ATT 0dB
ATT 3dB
ATT 6dB
–120
–100
–80
–60
–40
–20
0
20
–6
–4
–2
0
2
4
6
FREQUENCY OFFSET (MHz)
ATT 0dB
ATT 3dB
ATT 6dB
Rev. C | Page 17 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com