Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9364BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9364BBCZ
Description  Point to point communication systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9364BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9364BBCZ Datasheet HTML 4Page - Analog Devices AD9364BBCZ Datasheet HTML 5Page - Analog Devices AD9364BBCZ Datasheet HTML 6Page - Analog Devices AD9364BBCZ Datasheet HTML 7Page - Analog Devices AD9364BBCZ Datasheet HTML 8Page - Analog Devices AD9364BBCZ Datasheet HTML 9Page - Analog Devices AD9364BBCZ Datasheet HTML 10Page - Analog Devices AD9364BBCZ Datasheet HTML 11Page - Analog Devices AD9364BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Data Sheet
AD9364
Parameter1
Symbol Min
Typ
Max
Unit
Test Conditions/Comments
Bus Turnaround Time
Before Rx
tRPRE
2 × tCP
ns
After Rx
tRPST
2 × tCP
ns
Capacitive Load
3
pF
Capacitive Input
3
pF
SUPPLY CHARACTERISTICS
1.3 V Main Supply Voltage
1.267
1.3
1.33
V
VDD_INTERFACE Supply
Nominal Settings
CMOS
1.14
2.625
V
LVDS
1.71
2.625
V
VDD_INTERFACE Tolerance
−5
+5
%
Tolerance is applicable to
any voltage setting
VDD_GPO Supply Nominal
Setting
1.3
3.3
V
When unused, must be set
to 1.3 V
VDD_GPO Tolerance
−5
+5
%
Tolerance is applicable to
any voltage setting
Current Consumption
VDDx, Sleep Mode
180
μA
Sum of all input currents
VDD_GPO
50
μA
No load
1
When referencing a single function of a multifunction pin in the parameters, only the portion of the pin name that is relevant to the specification is listed. For full pin
names of multifunction pins, refer to the Pin Configuration and Function Descriptions section.
CURRENT CONSUMPTION—VDD_INTERFACE
Table 2. VDD_INTERFACE = 1.2 V
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SLEEP MODE
45
μA
Power applied, device disabled
RX AND TX, DOUBLE DATA RATE (DDR)
LTE 10 MHz
Single Port
2.9
mA
30.72 MHz data clock, CMOS
Dual Port
2.7
mA
15.36 MHz data clock, CMOS
LTE 20 MHz
Dual Port
5.2
mA
30.72 MHz data clock, CMOS
Table 3. VDD_INTERFACE = 1.8 V
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SLEEP MODE
84
μA
Power applied, device disabled
RX AND TX, DDR
LTE 10 MHz
Single Port
4.5
mA
30.72 MHz data clock, CMOS
Dual Port
4.1
mA
15.36 MHz data clock, CMOS
LTE 20 MHz
Dual Port
8.0
mA
30.72 MHz data clock, CMOS
Table 4. VDD_INTERFACE = 2.5 V
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SLEEP MODE
150
μA
Power applied, device disabled
RX AND TX, DDR
LTE 10 MHz
Single Port
6.5
mA
30.72 MHz data clock, CMOS
Dual Port
6.0
mA
15.36 MHz data clock, CMOS
LTE 20 MHz
Dual Port
11.5
mA
30.72 MHz data clock, CMOS
Rev. C | Page 7 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com