Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9364BBCZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9364BBCZ
Description  Point to point communication systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9364BBCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9364BBCZ Datasheet HTML 16Page - Analog Devices AD9364BBCZ Datasheet HTML 17Page - Analog Devices AD9364BBCZ Datasheet HTML 18Page - Analog Devices AD9364BBCZ Datasheet HTML 19Page - Analog Devices AD9364BBCZ Datasheet HTML 20Page - Analog Devices AD9364BBCZ Datasheet HTML 21Page - Analog Devices AD9364BBCZ Datasheet HTML 22Page - Analog Devices AD9364BBCZ Datasheet HTML 23Page - Analog Devices AD9364BBCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Data Sheet
AD9364
Figure 27. Tx Third-Order Harmonic Distortion (HD3) vs. Frequency
Figure 28. Tx Third-Order Output Intercept Point (OIP3) vs.
Attenuation Setting
Figure 29. Tx Signal-to-Noise Ratio (SNR) vs. Transmitter Attenuation Setting,
LTE 10 MHz Signal of Interest with Noise Measured at 90 MHz Offset
Figure 30. Tx Signal-to-Noise Ratio (SNR) vs. Transmitter Attenuation Setting,
GSM Signal of Interest with Noise Measured at 20 MHz Offset
Figure 31. Tx Single Sideband (SSB) Rejection vs. Frequency,
1.5375 MHz Offset
–60
–55
–50
–45
–40
–35
–30
–25
–20
700
750
800
850
900
FREQUENCY (MHz)
ATT 0, –40°C
ATT 25, –40°C
ATT 50, –40°C
ATT 0, +25°C
ATT 25, +25°C
ATT 50, +25°C
ATT 0, +85°C
ATT 25, +85°C
ATT 50, +85°C
0
5
10
15
20
25
30
0
4
8
12
16
20
ATTENUATION SETTING (dB)
–40°C
+25°C
+85°C
140
145
150
155
160
165
170
0
3
6
9
12
15
ATTENUATION SETTING (dB)
–40°C
+25°C
+85°C
140
145
150
155
160
165
170
0
4
8
12
16
20
ATTENUATION SETTING (dB)
–40°C
+25°C
+85°C
–70
–65
–60
–55
–50
–45
–40
–35
–30
700
750
800
850
900
FREQUENCY (MHz)
ATT 0, –40°C
ATT 25, –40°C
ATT 50, –40°C
ATT 0, +25°C
ATT 25, +25°C
ATT 50, +25°C
ATT 0, +85°C
ATT 25, +85°C
ATT 50, +85°C
Rev. C | Page 19 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com