Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9364BBCZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9364BBCZ
Description  Point to point communication systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9364BBCZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9364BBCZ Datasheet HTML 12Page - Analog Devices AD9364BBCZ Datasheet HTML 13Page - Analog Devices AD9364BBCZ Datasheet HTML 14Page - Analog Devices AD9364BBCZ Datasheet HTML 15Page - Analog Devices AD9364BBCZ Datasheet HTML 16Page - Analog Devices AD9364BBCZ Datasheet HTML 17Page - Analog Devices AD9364BBCZ Datasheet HTML 18Page - Analog Devices AD9364BBCZ Datasheet HTML 19Page - Analog Devices AD9364BBCZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Data Sheet
AD9364
TYPICAL PERFORMANCE CHARACTERISTICS
800 MHZ FREQUENCY BAND
Figure 3. Rx Noise Figure vs. Frequency
Figure 4. RSSI Error vs. Input Power, LTE 10 MHz Modulation
(Referenced to −50 dBm Input Power at 800 MHz)
Figure 5. RSSI Error vs. Input Power, EDGE Modulation
(Referenced to −50 dBm Input Power at 800 MHz)
Figure 6. Rx EVM vs. Input Power, 64 QAM LTE 10 MHz Mode,
19.2 MHz REF_CLK
Figure 7. Rx EVM vs. Input Power, GSM Mode, 30.72 MHz REF_CLK (Doubled
Internally for RF Synthesizer)
Figure 8. Rx EVM vs. Interferer Power Level, LTE 10 MHz Signal of Interest with
PIN = −82 dBm, 5 MHz OFDM Blocker at 7.5 MHz Offset
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
700
750
800
850
900
FREQUENCY (MHz)
–40°C
+25°C
+85°C
–3
–2
–1
0
1
2
3
4
5
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
INPUT POWER (dBm)
–40°C
+25°C
+85°C
–3
–2
–1
0
1
2
3
–110 –100
–
90
–
80
–
70
–
60
–
50
–
40
–
30
–
20
–
10
INPUT POWER (dBm)
–40°C
+25°C
+85°C
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
INPUT POWER (dBm)
–40°C
+25°C
+85°C
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
INPUT POWER (dBm)
–40°C
+25°C
+85°C
–30
–25
–20
–15
–10
–5
0
–
72
–
68
–
64
–
60
–
56
–
52
–
48
–
44
–
40
–
36
–
32
INTERFERER POWER LEVEL (dBm)
–40°C
+25°C
+85°C
Rev. C | Page 15 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com