Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9364BBCZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9364BBCZ
Description  Point to point communication systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9364BBCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9364BBCZ Datasheet HTML 9Page - Analog Devices AD9364BBCZ Datasheet HTML 10Page - Analog Devices AD9364BBCZ Datasheet HTML 11Page - Analog Devices AD9364BBCZ Datasheet HTML 12Page - Analog Devices AD9364BBCZ Datasheet HTML 13Page - Analog Devices AD9364BBCZ Datasheet HTML 14Page - Analog Devices AD9364BBCZ Datasheet HTML 15Page - Analog Devices AD9364BBCZ Datasheet HTML 16Page - Analog Devices AD9364BBCZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AD9364
Data Sheet
Pin No.
Type1
Mnemonic
Description
C5, C6, D6, D5
I
CTRL_IN0 to CTRL_IN3
Control Inputs. Use C5, C6, D5, and D6 for manual Rx gain and Tx attenuation
control.
D2
I
VDDA1P3_RX_RF
Receiver 1.3 V Supply Input. Connect to D3.
D4, E4 to E6,
F4 to F6, G4
O
CTRL_OUT0, CTRL_OUT1 to
CTRL_OUT3, CTRL_OUT6 to
CTRL_OUT4, CTRL_OUT7
Control Outputs. These pins are multipurpose outputs that have programmable
functionality.
D7
I/O
P0_D9/TX_D4_P
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D9, it functions as part of the 12-bit, bidirectional, parallel CMOS level
Data Port 0. Alternatively, this pin (TX_D4_P) can function as part of the LVDS 6-
bit Tx differential input bus with internal LVDS termination.
D8
I/O
P0_D7/TX_D3_P
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D7, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 0. Alternatively, this pin (TX_D3_P) can function as part of the LVDS 6-bit Tx
differential input bus with internal LVDS termination.
D9
I/O
P0_D5/TX_D2_P
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D5, it functions as part of the 12-bit, bidirectional, parallel CMOS level
Data Port 0. Alternatively, this pin (TX_D2_P) can function as part of the LVDS
6-bit Tx differential input bus with internal LVDS termination.
D10
I/O
P0_D3/TX_D1_P
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D3, it functions as part of the 12-bit, bidirectional, parallel CMOS level
Data Port 0. Alternatively, this pin (TX_D1_P) can function as part of the LVDS
6-bit Tx differential input bus with internal LVDS termination.
D11
I/O
P0_D1/TX_D0_P
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D1, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 0. Alternatively, this pin (TX_D0_P) can function as part of the LVDS 6-bit Tx
differential input bus with internal LVDS termination.
D12, F7, F9,
F11, G12, H7,
H10, K12
I
VSSD
Digital Ground. Tie these pins directly to the VSSA analog ground on the printed
circuit board (one ground plane).
E2
I
VDDA1P3_RX_LO
Receive LO 1.3 V Supply Input.
E3
I
VDDA1P3_TX_LO_BUFFER
1.3 V Supply Input.
E7
I/O
P0_D11/TX_D5_P
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D11, it functions as part of the 12-bit, bidirectional, parallel CMOS level
Data Port 0. Alternatively, this pin (TX_D5_P) can function as part of the LVDS
6-bit Tx differential input bus with internal LVDS termination.
E8
I/O
P0_D8/TX_D4_N
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D8, it functions as part of the 12-bit, bidirectional, parallel CMOS level
Data Port 0. Alternatively, this pin (TX_D4_N) can function as part of the LVDS
6-bit Tx differential input bus with internal LVDS termination.
E9
I/O
P0_D6/TX_D3_N
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D6, it functions as part of the 12-bit, bidirectional, parallel CMOS level
Data Port 0. Alternatively, this pin (TX_D3_N) can function as part of the LVDS
6-bit Tx differential input bus with internal LVDS termination.
E10
I/O
P0_D4/TX_D2_N
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D4, it functions as part of the 12-bit, bidirectional, parallel CMOS level
Data Port 0. Alternatively, this pin (TX_D2_N) can function as part of the LVDS
6-bit Tx differential input bus with internal LVDS termination.
E11
I/O
P0_D2/TX_D1_N
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D2, it functions as part of the 12-bit, bidirectional, parallel CMOS level
Data Port 0. Alternatively, this pin (TX_D1_N) can function as part of the LVDS
6-bit Tx differential input bus with internal LVDS termination.
E12
I/O
P0_D0/TX_D0_N
Digital Data Port P0/Transmit Differential Input Bus. This is a dual function pin.
As P0_D0, it functions as part of the 12-bit, bidirectional, parallel CMOS level
Data Port 0. Alternatively, this pin (TX_D0_N) can function as part of the LVDS
6-bit Tx differential input bus with internal LVDS termination.
F2
I
VDDA1P3_RX_VCO_LDO
Receive VCO LDO 1.3 V Supply Input. Connect F2 to E2.
Rev. C | Page 12 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com