Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9364BBCZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9364BBCZ
Description  Point to point communication systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9364BBCZ Datasheet(HTML) 3 Page - Analog Devices

  AD9364BBCZ Datasheet HTML 1Page - Analog Devices AD9364BBCZ Datasheet HTML 2Page - Analog Devices AD9364BBCZ Datasheet HTML 3Page - Analog Devices AD9364BBCZ Datasheet HTML 4Page - Analog Devices AD9364BBCZ Datasheet HTML 5Page - Analog Devices AD9364BBCZ Datasheet HTML 6Page - Analog Devices AD9364BBCZ Datasheet HTML 7Page - Analog Devices AD9364BBCZ Datasheet HTML 8Page - Analog Devices AD9364BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
AD9364
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Current Consumption—VDD_Interface.................................. 7
Current Consumption—VDDD1P3_DIG and VDDAx
(Combination of All 1.3 V Supplies) ......................................... 8
Absolute Maximum Ratings ..................................................... 10
Reflow Profile.............................................................................. 10
Thermal Resistance .................................................................... 10
ESD Caution................................................................................ 10
Pin Configuration and Function Descriptions........................... 11
Typical Performance Characteristics ........................................... 15
800 MHz Frequency Band......................................................... 15
2.4 GHz Frequency Band .......................................................... 20
5.5 GHz Frequency Band .......................................................... 24
Theory of Operation ...................................................................... 28
General......................................................................................... 28
Receiver........................................................................................ 28
Transmitter.................................................................................. 28
Clock Input Options .................................................................. 28
Synthesizers................................................................................. 29
Digital Data Interface................................................................. 29
Enable State Machine..................................................................... 29
SPI Interface................................................................................ 30
Control Pins ................................................................................ 30
GPO Pins (GPO_3 to GPO_0)................................................. 30
Auxiliary Converters.................................................................. 30
Powering the AD9364................................................................ 30
Packaging and Ordering Information ......................................... 31
Outline Dimensions................................................................... 31
Ordering Guide .......................................................................... 31
REVISION HISTORY
7/14—Rev. B to Rev. C
Changed CMOS VDD_INTERFACE from
1.2 V (min)/2.5 V (max) to 1.14 V (min)/2.625 V (max); and
Changed LVDS VDD_INTERFACE from 1.8 V (min)/2.5 V (max)
to 1.71 V (min)/2.625 V (max); Table 1......................................... 7
Added Powering the AD9364 Section ......................................... 30
2/14—Revision B: Initial Version
Rev. C | Page 2 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com