Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9364BBCZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9364BBCZ
Description  Point to point communication systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9364BBCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9364BBCZ Datasheet HTML 5Page - Analog Devices AD9364BBCZ Datasheet HTML 6Page - Analog Devices AD9364BBCZ Datasheet HTML 7Page - Analog Devices AD9364BBCZ Datasheet HTML 8Page - Analog Devices AD9364BBCZ Datasheet HTML 9Page - Analog Devices AD9364BBCZ Datasheet HTML 10Page - Analog Devices AD9364BBCZ Datasheet HTML 11Page - Analog Devices AD9364BBCZ Datasheet HTML 12Page - Analog Devices AD9364BBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AD9364
Data Sheet
CURRENT CONSUMPTION—VDDD1P3_DIG AND VDDAx (COMBINATION OF ALL 1.3 V SUPPLIES)
Table 5. 800 MHz, TDD Mode
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RX
5 MHz Bandwidth
180
mA
Continuous Rx
10 MHz Bandwidth
210
mA
Continuous Rx
20 MHz Bandwidth
260
mA
Continuous Rx
TX
5 MHz Bandwidth
7 dBm
340
mA
Continuous Tx
−27 dBm
190
mA
Continuous Tx
10 MHz Bandwidth
7 dBm
360
mA
Continuous Tx
−27 dBm
220
mA
Continuous Tx
20 MHz Bandwidth
7 dBm
400
mA
Continuous Tx
−27 dBm
250
mA
Continuous Tx
Table 6. TDD Mode, 2.4 GHz
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RX
5 MHz Bandwidth
175
mA
Continuous Rx
10 MHz Bandwidth
200
mA
Continuous Rx
20 MHz Bandwidth
240
mA
Continuous Rx
TX
5 MHz Bandwidth
7 dBm
350
mA
Continuous Tx
−27 dBm
160
mA
Continuous Tx
10 MHz Bandwidth
7 dBm
380
mA
Continuous Tx
−27 dBm
220
mA
Continuous Tx
20 MHz Bandwidth
7 dBm
410
mA
Continuous Tx
−27 dBm
260
mA
Continuous Tx
Table 7. TDD Mode, 5.5 GHz
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RX
5 MHz Bandwidth
175
mA
Continuous Rx
40 MHz Bandwidth
275
mA
Continuous Rx
TX
5 MHz Bandwidth
7 dBm
400
mA
Continuous Tx
−27 dBm
240
mA
Continuous Tx
40 MHz Bandwidth
7 dBm
490
mA
Continuous Tx
−27 dBm
385
mA
Continuous Tx
Rev. C | Page 8 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com