Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9364BBCZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9364BBCZ
Description  Point to point communication systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9364BBCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9364BBCZ Datasheet HTML 7Page - Analog Devices AD9364BBCZ Datasheet HTML 8Page - Analog Devices AD9364BBCZ Datasheet HTML 9Page - Analog Devices AD9364BBCZ Datasheet HTML 10Page - Analog Devices AD9364BBCZ Datasheet HTML 11Page - Analog Devices AD9364BBCZ Datasheet HTML 12Page - Analog Devices AD9364BBCZ Datasheet HTML 13Page - Analog Devices AD9364BBCZ Datasheet HTML 14Page - Analog Devices AD9364BBCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AD9364
Data Sheet
Rev. C | Page 10 of 32
ABSOLUTE MAXIMUM RATINGS
Table 11.
Parameter
Rating
VDDx to VSSx
−0.3 V to +1.4 V
VDD_INTERFACE to VSSx
−0.3 V to +3.0 V
VDD_GPO to VSSx
−0.3 V to +3.9 V
Logic Inputs and Outputs to
VSSx
−0.3 V to VDD_INTERFACE + 0.3 V
Input Current to Any Pin
Except Supplies
±10 mA
RF Inputs (Peak Power)
2.5 dBm
Tx Monitor Input Power (Peak
Power)
9 dBm
Package Power Dissipation
(TJMAX − TA)/θJA
Maximum Junction
Temperature (TJMAX)
110°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
REFLOW PROFILE
The AD9364 reflow profile is in accordance with the JEDEC
JESD20 criteria for Pb-free devices. The maximum reflow
temperature is 260°C.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 12. Thermal Resistance
Package
Type
Airflow
Velocity
(m/sec)
θJA1,2
θJC1,3
θJB1,4
JT
1, 2
Unit
144-Ball
CSP_BGA
0
32.3
9.6
20.2
0.27
°C/W
1.0
29.6
0.43
°C/W
2.5
27.8
0.57
°C/W
1 Per JEDEC JESD51-7, plus JEDEC JESD51-5 2S2P test board.
2 Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3 Per MIL-STD 883, Method 1012.1.
4 Per JEDEC JESD51-8 (still air).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com