Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9364BBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9364BBCZ
Description  Point to point communication systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9364BBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9364BBCZ Datasheet HTML 13Page - Analog Devices AD9364BBCZ Datasheet HTML 14Page - Analog Devices AD9364BBCZ Datasheet HTML 15Page - Analog Devices AD9364BBCZ Datasheet HTML 16Page - Analog Devices AD9364BBCZ Datasheet HTML 17Page - Analog Devices AD9364BBCZ Datasheet HTML 18Page - Analog Devices AD9364BBCZ Datasheet HTML 19Page - Analog Devices AD9364BBCZ Datasheet HTML 20Page - Analog Devices AD9364BBCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AD9364
Data Sheet
Figure 9. Rx EVM vs. Interferer Power Level, LTE 10 MHz Signal of Interest with
PIN = −90 dBm, 5 MHz OFDM Blocker at 17.5 MHz Offset
Figure 10. Rx Noise Figure vs. Interferer Power Level, EDGE Signal of Interest
with PIN = −90 dBm, CW Blocker at 3 MHz Offset, Gain Index = 64
Figure 11. Rx Gain vs. Frequency, Gain Index = 76 (Maximum Setting)
Figure 12. Third-Order Input Intercept Point (IIP3) vs. Rx Gain Index,
f1 = 1.45 MHz, f2 = 2.89 MHz, GSM Mode
Figure 13. Second-Order Input Intercept Point (IIP2) vs. Rx Gain Index,
f1 = 2.00 MHz, f2 = 2.01 MHz, GSM Mode
Figure 14. Rx Local Oscillator (LO) Leakage vs. Frequency
–16
–12
–8
–4
0
–56
–54
–52
–50
–48
–46
–44
–42
–40
–38
–36
INTERFERER POWER LEVEL (dBm)
–40°C
+25°C
+85°C
0
2
4
6
8
10
12
14
–47
–43
–39
–35
–31
–27
–23
INTERFERER POWER LEVEL (dBm)
–40°C
+25°C
+85°C
66
68
70
72
74
76
78
80
700
750
800
850
900
FREQUENCY (MHz)
–40°C
+25°C
+85°C
–25
–20
–15
–10
–5
0
5
10
15
20
20
28
36
44
52
60
68
76
–40°C
+25°C
+85°C
Rx GAIN INDEX
0
10
20
30
40
50
60
70
80
90
100
20
28
36
44
52
60
68
76
Rx GAIN INDEX
–40°C
+25°C
+85°C
–130
–125
–120
–115
–110
–105
–100
700
750
800
850
900
FREQUENCY (MHz)
–40°C
+25°C
+85°C
Rev. C | Page 16 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com