Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9364BBCZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9364BBCZ
Description  Point to point communication systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9364BBCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9364BBCZ Datasheet HTML 17Page - Analog Devices AD9364BBCZ Datasheet HTML 18Page - Analog Devices AD9364BBCZ Datasheet HTML 19Page - Analog Devices AD9364BBCZ Datasheet HTML 20Page - Analog Devices AD9364BBCZ Datasheet HTML 21Page - Analog Devices AD9364BBCZ Datasheet HTML 22Page - Analog Devices AD9364BBCZ Datasheet HTML 23Page - Analog Devices AD9364BBCZ Datasheet HTML 24Page - Analog Devices AD9364BBCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AD9364
Data Sheet
2.4 GHZ FREQUENCY BAND
Figure 32. Rx Noise Figure vs. Frequency
Figure 33. RSSI Error vs. Input Power, Referenced to −50 dBm Input Power
at 2.4 GHz
Figure 34. Rx EVM vs. Input Power, 64 QAM LTE 20 MHz Mode,
40 MHz REF_CLK
Figure 35. Rx EVM vs. Interferer Power Level, LTE 20 MHz Signal of Interest
with PIN = −75 dBm, LTE 20 MHz Blocker at 20 MHz Offset
Figure 36. Rx EVM vs. Interferer Power Level, LTE 20 MHz Signal of Interest
with PIN = −75 dBm, LTE 20 MHz Blocker at 40 MHz Offset
Figure 37. Rx Gain vs. Frequency, Gain Index = 76 (Maximum Setting)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1800
1900
2000
2100
2200
2300
2400
2500
2600
2700
FREQUENCY (MHz)
–40°C
+25°C
+85°C
–3
–2
–1
0
1
2
3
4
5
–
100
–
90
–
80
–
70
–
60
–
50
–
40
–
30
–
20
–
10
INPUT POWER (dBm)
–40°C
+25°C
+85°C
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
INPUT POWER (dBm)
–40°C
+25°C
+85°C
–30
–25
–20
–15
–10
–5
0
–72
–68
–64
–60
–56
–52
–48
–44
–40
–36
–32
–28
INTERFERER POWER LEVEL (dBm)
–40°C
+25°C
+85°C
–30
–25
–20
–15
–10
–5
0
–60
–55
–50
–45
–40
–35
–30
–25
–20
INTERFERER POWER LEVEL (dBm)
–40°C
+25°C
+85°C
66
68
70
72
74
76
78
80
1800
1900
2000
2100
2200
2300
2400
2500
2600
2700
FREQUENCY (MHz)
–40°C
+25°C
+85°C
Rev. C | Page 20 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com