Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-0603CDR10JTT Datasheet(PDF) 10 Page - Pulse A Technitrol Company

Part # PE-0603CDR10JTT
Description  RF Chip Inductors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0603CDR10JTT Datasheet(HTML) 10 Page - Pulse A Technitrol Company

Back Button PE-0603CDR10JTT Datasheet HTML 6Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 7Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 8Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 9Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 10Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 11Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 12Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 13Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 14Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
WC701.O (01/15)
www.pulseelectronics.com
9
Pulse Jack
E l e c t r o n i c s
wIRE-wOUND RF CHIP
INDUCTORS - 0603CD SERIES
Electrical Specifications @ 25°C (continued)
Part Number
Inductance
(nH)
Standard
Tolerance
Optional
Tolerance
Q
(MIN)
SRF
(MHz MIN)
RDC
(
Ω MAX)
IDC
(mA MAX)
PE-0603CD270JTT
27 @ 250MHz
±5%
±10% (K), ±2% (G)
35 @ 250MHz
2800.0
0.22
600.0
PE-0603CD300JTT
30 @ 250MHz
±5%
±10% (K), ±2% (G)
37 @ 250MHz
2250.0
0.14
600.0
PE-0603CD330JTT
33 @ 250MHz
±5%
±10% (K), ±2% (G)
35 @ 250MHz
2300.0
0.22
600.0
PE-0603CD360GTT
36 @ 250MHz
±2%
37 @ 250MHz
2080.0
0.25
600.0
PE-0603CD390JTT
39 @ 250MHz
±5%
±10% (K), ±2% (G)
35 @ 250MHz
2200.0
0.25
600.0
PE-0603CD430GTT
43 @ 250MHz
±2%
35 @ 250MHz
2000.0
0.28
600.0
PE-0603CD470JTT
47 @ 200MHz
±5%
±10% (K), ±2% (G)
35 @ 200MHz
2000.0
0.28
600.0
PE-0603CD510GTT
51 @ 200MHz
±2%
35 @ 200MHz
1900.0
0.27
600.0
PE-0603CD560JTT
56 @ 200MHz
±5%
±10% (K), ±2% (G)
35 @ 200MHz
1900.0
0.31
600.0
PE-0603CD680JTT
68 @ 200MHz
±5%
±10% (K), ±2% (G)
35 @ 200MHz
1700.0
0.34
600.0
PE-0603CD720GTT
72 @ 150MHz
±2%
±10% (K)
34 @ 150MHz
1700.0
0.49
400.0
PE-0603CD820JTT
82 @ 150MHz
±5%
±10% (K), ±2% (G)
34 @ 150MHz
1700.0
0.54
400.0
PE-0603CD101JTT
98.50 @ 150MHz
±5%
±10% (K), ±2% (G)
34 @ 150MHz
1400.0
0.58
400.0
PE-0603CDR10JTT
100 @ 150MHz
±5%
±10% (K), ±2% (G)
34 @ 150MHz
1400.0
0.58
400.0
PE-0603CD111JTT
110 @ 150MHz
±5%
±10% (K), ±2% (G)
33 @ 150MHz
1300.0
0.61
300.0
PE-0603CDR12JTT
120 @ 150MHz
±5%
±10% (K), ±2% (G)
32 @ 150MHz
1300.0
0.65
300.0
PE-0603CD121JTT
122 @ 150MHz
±5%
±10% (K), ±2% (G)
33 @ 150MHz
1300.0
0.65
300.0
PE-0603CD151JTT
150 @ 150MHz
±5%
±10% (K), ±2% (G)
28 @ 150MHz
990.0
0.92
280.0
PE-0603CD181JTT
180 @ 100MHz
±5%
±10% (K), ±2% (G)
25 @ 100MHz
990.0
1.25
240.0
PE-0603CD201GTT
200 @ 250MHz
±2%
25 @ 100MHz
900.0
PE-0603CD211JTT
210 @ 100MHz
±5%
±2% (G)
27 @ 100MHz
895.0
2.06
220.0
PE-0603CD221JTT
220 @ 100MHz
±5%
±10% (K), ±2% (G)
25 @ 100MHz
900.0
1.90
200.0
PE-0603CD251GTT
250 @ 100MHz
±2%
25 @ 100MHz
822.0
3.55
180.0
PE-0603CD271JTT
270 @ 100MHz
±5%
±10% (K), ±2% (G)
24 @ 100MHz
860.0
2.30
170.0
PE-0603CD331JTT
330 @ 100MHz
±5%
±10% (K)
22 @ 100MHz
500.0
2.300
150.0
PE-0603CD391JTT
390 @ 100MHz
±5%
±10% (K)
20 @ 250 MHz
350.0
2.90
130.0
1
2
3
4
5
Notes:
1. Inductance measured using a HP4286A RF Impedance Analyzer. (Please note that
inductance information is not stamped on part, because of the extremely small size).
2. Q measured using a HP4291A RF Impedance Analyzer with a HP16193A Test Fixture.
3. SRF measured using a HP8753C Network Analyzer.
4. RDC measured using a Valhalla Scientific model 4100 ATC Digital Ohmeter.
5. Based on a 15�C maximum temperature rise.
6. 5-sides o top side epoxy cap.
(Continued on next page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com