Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-0603CDR10JTT Datasheet(PDF) 24 Page - Pulse A Technitrol Company

Part # PE-0603CDR10JTT
Description  RF Chip Inductors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0603CDR10JTT Datasheet(HTML) 24 Page - Pulse A Technitrol Company

Back Button PE-0603CDR10JTT Datasheet HTML 20Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 21Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 22Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 23Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 24Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 25Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 26Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 27Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 28Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
WC701.O (01/15)
www.pulseelectronics.com
23
Pulse Jack
E l e c t r o n i c s
Wire-Wound rF Chip
induCtors - 1008CQ series
Electrical Specifications @ 25°C
Part Number
Inductance
(nH)
Standard
Tolerance
Optional
Tolerance
Q
(MIN)
SRF Min
(MHz MIN)
RDC
(
Ω MAX)
IDC
(mA MAX)
Ind
PE-1008CQ4N1JTT
4.1 @ 50MHz
±5%
±10% (K)
75 @ 1500MHz
6000.0
4.1
PE-1008CQ100JTT
10 @ 50MHz
±5%
±10% (K)
60 @ 500MHz
3600.0
10.0
PE-1008CQ180JTT
18 @ 50MHz
±5%
±10% (K)
62 @ 350MHz
2700.0
18.0
PE-1008CQ390JTT
39 @ 50MHz
±5%
75 @ 350MHz
1300.0
39.0
PE-1008CQ470KTT
47 @ 50MHz
±10%
75 @ 350MHz
1450.0
47.0
PE-1008CQ820JTT
82 @ 50MHz
±5%
±10% (K)
80 @ 350MHz
1060.0
82.0
PE-1008CQ101JTT
100 @ 50MHz
±5%
±10% (K)
62 @ 350MHz
820.0
100.0
PE-1008CQ151KTT
150 @ 50MHz
±10%
60 @ 350MHz
750.0
150.0
PE-1008CQ181JTT
180 @ 50MHz
±5%
±10% (K)
55 @ 350MHz
800.0
180.0
PE-1008CQ221JTT
220 @ 50MHz
±5%
±10% (K)
56 @ 350MHz
680.0
220.0
PE-1008CQ271JTT
270 @ 50MHz
±5%
±10% (K)
45 @ 350MHz
600.0
270.0
PE-1008CQ331JTT
330 @ 50MHz
±5%
±10% (K)
52 @ 100MHz
550.0
330.0
PE-1008CQ391JTT
390 @ 50MHz
±5%
±10% (K)
35 @ 350MHz
500.0
390.0
1
2
3
4
5
Notes:
1. Inductance measured using a HP4286A RF Impedance Analyzer. (Please note that
inductance information is not stamped on part, because of the extremely small size).
2. Q measured using a HP4291A RF Impedance Analyzer with a HP16193A Test Fixture.
3. SRF measured using a HP8753C Network Analyzer.
4. RDC measured using a Valhalla Scientific model 4100 ATC Digital Ohmeter.
5. Based on a 15�C maximum temperature rise.
6. Component Weight: 0.032 grams typical.
Wirewound ceramic core construction
High Q values and Idc values
High self-esonant frequency
Industry standard 1008 (2520) surface mount
land pattern
See page 3 for Competition Cross Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com